Electronic Components Datasheet Search
  English  ▼

X  

AFE3010 Datasheet(PDF) 5 Page - Texas Instruments

Part # AFE3010
Description  AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE3010 Datasheet(HTML) 5 Page - Texas Instruments

  AFE3010 Datasheet HTML 1Page - Texas Instruments AFE3010 Datasheet HTML 2Page - Texas Instruments AFE3010 Datasheet HTML 3Page - Texas Instruments AFE3010 Datasheet HTML 4Page - Texas Instruments AFE3010 Datasheet HTML 5Page - Texas Instruments AFE3010 Datasheet HTML 6Page - Texas Instruments AFE3010 Datasheet HTML 7Page - Texas Instruments AFE3010 Datasheet HTML 8Page - Texas Instruments AFE3010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
AFE3010
www.ti.com
SBFS042 – JUNE 2020
Product Folder Links: AFE3010
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
The typical bandwidth of the current feedback amplifier is measured based off the recommended component values in the Application
and Implementation section. This number will vary if the component values change in a particular application.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE AND REFERENCE
VVDD
Power Supply Shunt Regulator Voltage
19.5
20
20.5
V
TA = –0 °C to 105 °C
30
60
ppm/°C
IREF
Clamping Current at VREF
VREF = 0 V
1
1.7
2.5
mA
VREF
Reference Voltage
2.42
2.5
2.58
V
TA = –40 °C to 105 °C
80
100
ppm/°C
IQ
Quiescent Current
Force VDD to 19 V through 50-
Ω, Measured
VDD to GND
900
1250
µA
Force 19 V to VDD through 50-
Ω, Measured
VDD to GND, TA = –40 °C to 105 °C
1500
µA
AMPLIFIER
VOS
Offset Voltage, RTI
–150
150
µV
TA = –40 °C to 105 °C
0.5
µV/°C
Vn_inp
Input Voltage Noise
10
nV/
√Hz
Iin_inp
Input Current Noise
2
pA/
√Hz
ZOL
Open-loop Transimpedance
7
Gohms
BW
Application Bandwidth(1)
6.5
kHz
Vosw_vdd
VOUT Swing to VDD
No Load
4.8
V
Vosw_gnd
VOUT Swing to GND
No Load
0.1
V
DIGITAL CONTROL
tgf_resp
Ground Fault Response Time
Leakage Current = ±5 mA
0.15
s
Leakage Current = ±10 mA
0.085
s
Leakage Current = ±30 mA
0.04
s
Leakage Current > ±50 mA
0.01
s
td1
Debounce Time from 'PTT High to Low
Transition' to Self-test Start
80
ms
td2
Debounce Time from 'SW_OPEN High to Low
Transition' to SCR Fire (Long Pulse)
130
ms
td3
Debounce Time from 'SW_OPEN Low to High
Transition' to ALARM Off
140
ms
td4
SW_OPEN Low Time to Execute Fault
Counter RESET without SCR Fire (Short
Pulse)
55
ms
SCR DRIVER
IOH
High-Level Output Current
VO = 1.0 V
2
3
mA
ROUT
Output Impedance
550
Ω
ALARM DRIVER
VOH
High-Level Output Voltage
IOH =-1 mA
3
3.2
V
VOL
Low-Level Output Voltage
IOL =1 mA
0.25
0.35
V
fLED_AL
LED/ Alarm Frequency
3
KHz
FT DRIVER
IOH
High-Level Output Current
VO = 1.0 V
2
3
mA
ROUT
Output Impedance
550
Ω
NG_OUT DRIVER
VOL
Low-Level Output Voltage
IOL = 4 mA
0.2
0.4
V
VOH
High-Level Output Voltage
IOH = –0.1 mA
VVDD–0.8
VVDD–0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com