Electronic Components Datasheet Search
  English  ▼

X  

AFE3010 Datasheet(PDF) 20 Page - Texas Instruments

Part # AFE3010
Description  AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE3010 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AFE3010 Datasheet HTML 16Page - Texas Instruments AFE3010 Datasheet HTML 17Page - Texas Instruments AFE3010 Datasheet HTML 18Page - Texas Instruments AFE3010 Datasheet HTML 19Page - Texas Instruments AFE3010 Datasheet HTML 20Page - Texas Instruments AFE3010 Datasheet HTML 21Page - Texas Instruments AFE3010 Datasheet HTML 22Page - Texas Instruments AFE3010 Datasheet HTML 23Page - Texas Instruments AFE3010 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
20
AFE3010
SBFS042 – JUNE 2020
www.ti.com
Product Folder Links: AFE3010
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table 5. Summary of Components in AFE3010 Typical Application (continued)
COMPONENT
DESIGNATOR
COMPONENT
VALUE
COMPONENT
RATINGS
DESCRIPTION
R8
10.5 kΩ
1%, 0.5 W
Sets the level of fault current used in the periodic self-test when Q1 is
turned on. The fault current should be greater than the trip point for
successful detection and operation. The self-test will be hardest to pass
when line connects to GFCI with reverse polarity and there is a small
leakage current that is below the trip current. The worst-case power
condition will be when a device cannot detect the self-test fault current
and thus Q1 is on for a half-cycle of line.
R9
1.5 kΩ
5%, 0.1 W
Limits the output current of the ALARM driver. Using a higher R9 value
will reduce supply current when ALARM is driving D3.
R10
560 Ω
5%, 0.1 W
Limits the output current of the SCR driver.
R11
51 kΩ
5%, 1/3 W
Limits the current into the SCR_TST pin when regulating to 20 V and sets
internal biasing. The value of the resistor should not change from the
recommendation when SEL = LOW. The lowest acceptable value is a 1%
49.9 kΩ. Given a 170-V peak line voltage, the average power rating
required is calculated with [((170 V – 20 V)2) /R11] / [2 × SQRT(2)].
R12
1 MΩ
5%, 0.1 W
Limits the current into PH pin.
WARNING
When evaluating this device, implement high-voltage safety precaution and
procedures.
1. The first step in the design of a system with AFE3010 is to determine the correct transformer orientation and
coil connections. The AFE3010 internal detection scheme requires the fault waveforms to have a specific
polarity to the Hot-to-Neutral line voltage. The two rules the design must follow are:
a. The amplifier output voltage (VOUT) must be approximately 180° out of phase with the Hot-Neutral line
voltage when line voltage connects to a GFCI unit with normal polarity. Thus, when line is connected to
system with reverse polarity, the VOUT signal must be in-phase with line voltage. The amplifier's polarity
is determined by the value of C3, the connection of amplifier inputs (REF and FB) to the 1000-turn coil,
and by the direction of the line wires through the transformer core. Refer to Figure 17 for the correct
waveform. Note that normal line polarity means that the Hot and neutral nodes of the source are
connected correctly to the Hot and Neutral input connectors of the system, respectively, which means the
PH pin and D4 are also connected to Hot as shown in Figure 15.
b. The N-G pulse on VOUT when there is a N-G fault must look like Figure 18. The N-G pulse measured on
VOUT should first increase above 2.5 V and then decrease below 2.5 V. The second, downward pulse
should be greater in amplitude and energy than the initial positive pulse. This rule should be true
regardless of line polarity. N-G pulse polarity is determined by the connection of NG_OUT and GND pins
to the 200-turn coil and by the polarity of the line wires through the transformer core.
2. Populate the board with the recommended values shown in Table 5.
3. Tune the amplifier's ground fault threshold (trip point).
a. Set up the system with an adjustable Hot-to-ground (H-G) fault load and an ammeter in-series to
measure the fault (or leakage) current.
b. Adjust the fault load so that the ammeter reads < 3 mA RMS of fault current.
c. Power off and then power on the system to reset any possible trips by the system.
d. Slowly increase the fault current until the AFE3010 SCR driver is pulsed and trips the solenoid. Note the
ammeter reading once the system trips.
e. If the system trips too early (< 4.5 mA RMS), then disconnect the system from power and decrease R7.
f.
If the system trips too late (> 5.5 mA RMS), then disconnect the system from power and increase R7.
4. Tune the system's Neutral-to-ground (N-G) detection.
a. Set up the system according to Figure 16. Note that this initial design process does not require testing N-
G detection with H-G fault or load currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com