Electronic Components Datasheet Search
  English  ▼

X  

AFE3010 Datasheet(PDF) 10 Page - Texas Instruments

Part # AFE3010
Description  AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE3010 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AFE3010 Datasheet HTML 6Page - Texas Instruments AFE3010 Datasheet HTML 7Page - Texas Instruments AFE3010 Datasheet HTML 8Page - Texas Instruments AFE3010 Datasheet HTML 9Page - Texas Instruments AFE3010 Datasheet HTML 10Page - Texas Instruments AFE3010 Datasheet HTML 11Page - Texas Instruments AFE3010 Datasheet HTML 12Page - Texas Instruments AFE3010 Datasheet HTML 13Page - Texas Instruments AFE3010 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
8.33ms
8.33ms
ALA RM/ LED Pulsing at 3KHz
ALA RM/ LED Low
10
AFE3010
SBFS042 – JUNE 2020
www.ti.com
Product Folder Links: AFE3010
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Figure 9. AFE3010 ALARM Signal Active Mode Definition (Time Calculation Shown for a 60-Hz Power
Line)
7.3.5 Phase Detection
The AFE3010 monitors power line signal phase at any given time through the PH and SCR_TST pins. Both pins
are clamped to VDD through internal clamping diodes. The PH pin is connected directly to the HOT power line.
This enables the device to monitor the power signal instantaneously. Phase measurement is critical for faster
and accurate response to system fault conditions. The SCR_TST pin measures the phase after the rectifying
diode.
7.3.6 SCR Control
The AFE3010 triggers an external SCR through the device SCR pin during a load fault event or self-test fail
event. This SCR trigger event activates a solenoid to trip the load switch disconnecting the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com