Electronic Components Datasheet Search
  English  ▼

X  

AFE3010 Datasheet(PDF) 1 Page - Texas Instruments

Part # AFE3010
Description  AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE3010 Datasheet(HTML) 1 Page - Texas Instruments

  AFE3010 Datasheet HTML 1Page - Texas Instruments AFE3010 Datasheet HTML 2Page - Texas Instruments AFE3010 Datasheet HTML 3Page - Texas Instruments AFE3010 Datasheet HTML 4Page - Texas Instruments AFE3010 Datasheet HTML 5Page - Texas Instruments AFE3010 Datasheet HTML 6Page - Texas Instruments AFE3010 Datasheet HTML 7Page - Texas Instruments AFE3010 Datasheet HTML 8Page - Texas Instruments AFE3010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
200:1
1000:1
HOT
NEUTRAL
Solenoid
C2
R6
R7
R8
Q1
SCR
ALARM
FT
VDD1
REF
FB
GND
SCR
OUT
VDD2
SCR_TST
R3
C1
R4
SW_OPEN
PH
PTT
R9
AFE3010
NG_OUT
SEL
D2
R1
R2
R5
R10
C4
R12
C3
C5
C6
C7
C8
C9
C10
LOAD
LOAD
SWITCH
R11
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
AFE3010
SBFS042 – JUNE 2020
AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault
Detection
1
1 Features
1
•
Single-chip GFCI controller to aid in the design of
UL-943 compliant systems
–
Built-in self-test to detect end-of-life, blink the
LED, and/ or trip the load switch
–
Detect ground fault leakage path, and trip the
load switch
–
Detect neutral-ground leakage path, and trip
the load switch
•
Protection against single-component failure
•
Dual VDD and GND pins for redundancy
•
Integrated noise filter to prevent false trips
•
Simultaneously protects against HOT to GND and
neutral to GND faults
•
Adjustable fault current thresholds through
external feedback resistors
•
Fast response time
–
150 ms for ±5mA ground fault current
–
85 ms for ±10-mA ground fault current
–
40 ms for ±30-mA ground fault current
–
10 ms for ±50-mA ground fault current
•
Onboard shunt regulator powers the system
through passives
•
Supports 120-V/ 60-Hz or 220-V/ 50-Hz systems
•
Operating temperature range: –40 ºC to 105 ºC
2 Applications
•
GFCI Outlet Receptacles
•
GFCI Circuit Breakers
•
Power Cord (In-Line GFCI)
•
Hair Dryer
•
Dish Washer
3 Description
The AFE3010 is a precision, low-power, Ground Fault
Circuit Interrupter (GFCI) controller used for detecting
ground fault leakage paths in electrical circuits. This
device is a single IC solution that continuously
monitors
an
electrical
circuit
for
multiple
fault
conditions to verify that the system is operating
correctly.
In addition to a ground fault leakage detection, the
AFE3010 can detect a grounded neutral condition
which can also lead to a harmful shock from a
connected appliance. The device implements a
unique
closed-loop
grounded
neutral
detection
scheme that eliminates the need for component
resonance tuning, resulting in optimized system
development time. Periodic self-test is performed
once in every 180 cycles of the AC power line to
ensure all the components related to ground fault
control system are working properly. In case of any
component failure the device enables an LED light,
and/ or trips a solenoid to open the load switch. In
applications where an LED light indicator is not
needed, the ALARM pin can be configured as a
secondary SCR driver to drive an additional solenoid
for redundancy purpose.
The AFE3010 integrates shunt and LDO regulators to
directly power from an AC line through a diode bridge
and passive components.
The AFE3010 offers flexible configurable options to
implement
robust
application
specific
protection
schemes
in
different
end-equipments
such
as
electrical receptacles, circuit breakers, and so forth.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AFE3010
VQFN (16)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
GFCI Application


Similar Part No. - AFE3010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE3010 TI1-AFE3010 Datasheet
1Mb / 34P
AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
AFE3010AIRGTR TI1-AFE3010AIRGTR Datasheet
1Mb / 34P
AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
AFE3010AIRGTT TI1-AFE3010AIRGTT Datasheet
1Mb / 34P
AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
More results

Similar Description - AFE3010

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS37000 ONSEMI-NCS37000 Datasheet
134Kb / 8P
Ground Fault Circuit Interrupter (GFCI)
December, 2012 ??Rev. 0
NCS37010 ONSEMI-NCS37010 Datasheet
182Kb / 12P
Self Test With Lockout Ground Fault Circuit Interrupter (GFCI)
June, 2013 ??Rev. P2
NCS37012 ONSEMI-NCS37012 Datasheet
137Kb / 9P
Self Test Ground Fault Circuit Interrupter (GFCI)
May, 2012 ??Rev. P0
logo
Fairchild Semiconductor
FAN41501 FAIRCHILD-FAN41501 Datasheet
1Mb / 11P
Ground Fault Interrupter Self-Test Digital Controller
logo
ON Semiconductor
NCS37012 ONSEMI-NCS37012_16 Datasheet
101Kb / 9P
Self Test Ground Fault Circuit Interrupter (GFCI)
May, 2016 ??Rev. 0
NCS37010 ONSEMI-NCS37010_14 Datasheet
193Kb / 12P
Self Test With Lockout Ground Fault Circuit Interrupter
October, 2014 ??Rev. 1
FAN41501 ONSEMI-FAN41501 Datasheet
901Kb / 13P
Ground Fault Interrupter Self-Test Digital Controller
June 2014
logo
Texas Instruments
AFE3010 TI1-AFE3010 Datasheet
1Mb / 34P
AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
logo
ON Semiconductor
NCS37014 ONSEMI-NCS37014 Datasheet
157Kb / 8P
Self Test Ground Fault Circuit Interrupter (GFCI)
March, 2020 ??Rev. 2
NCS37015 ONSEMI-NCS37015 Datasheet
234Kb / 10P
Self Test Ground Fault Circuit Interrupter (GFCI)
July, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com