Electronic Components Datasheet Search
  English  ▼

X  

AFE3010 Datasheet(PDF) 6 Page - Texas Instruments

Part # AFE3010
Description  AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE3010 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE3010 Datasheet HTML 2Page - Texas Instruments AFE3010 Datasheet HTML 3Page - Texas Instruments AFE3010 Datasheet HTML 4Page - Texas Instruments AFE3010 Datasheet HTML 5Page - Texas Instruments AFE3010 Datasheet HTML 6Page - Texas Instruments AFE3010 Datasheet HTML 7Page - Texas Instruments AFE3010 Datasheet HTML 8Page - Texas Instruments AFE3010 Datasheet HTML 9Page - Texas Instruments AFE3010 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Frequency (Hz)
10
2030 50 100 200
500 1000
10000
100000
-1E-5
-8E-6
-6E-6
-4E-6
-2E-6
0
2E-6
4E-6
6E-6
8E-6
1E-5
Conditions:R7 = 36K:, R6 = 75:
Temperature (qC)
-40
-10
20
50
80
110
19.8
19.82
19.84
19.86
19.88
19.9
19.92
19.94
19.96
19.98
20
AVG
+3STD
-3STD
Offset Voltage (PV)
-90
-80
-70
-60
-50
-40
-30
-20
0
4
8
12
16
20
24
28
32
36
40
8.3%
36.1%
30.6%
19.4%
5.6%
0.0%
Conditions: Temp = -40qC
Frequency (Hz)
100
200
500 1000 2000
5000 10000
100000
0
5000
10000
15000
20000
25000
30000
35000
40000
Conditions:R7=36K:, R6=75:
Offset Voltage (PV)
-90
-80
-70
-60
-50
-40
-30
-20
0
5
10
15
20
25
30
35
40
45
2.8%
38.9%
25.0%
22.2%
8.3%
2.8%
Conditions: Temp = 25qC
Offset Voltage (PV)
-90
-80
-70
-60
-50
-40
-30
-20
0
5
10
15
20
25
30
35
40
45
50
2.8%
30.6%
41.7%
22.2%
2.8%
0.0%
Conditions: Temp = 105qC
6
AFE3010
SBFS042 – JUNE 2020
www.ti.com
Product Folder Links: AFE3010
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6.6 Typical Characteristics
at TA = 25 °C typical (unless otherwise noted)
Figure 1. Amplifier Offset Voltage Distribution
Figure 2. Amplifier Offset Voltage Distribution
Figure 3. Amplifier Offset Voltage Distribution
Figure 4. Amplifier Transimpedance vs Frequency
Figure 5. Amplifier Output Noise
Figure 6. VDD Drift Across Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com