Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 16 Page - Texas Instruments

Part # AFE4403
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4403 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 12Page - Texas Instruments AFE4403 Datasheet HTML 13Page - Texas Instruments AFE4403 Datasheet HTML 14Page - Texas Instruments AFE4403 Datasheet HTML 15Page - Texas Instruments AFE4403 Datasheet HTML 16Page - Texas Instruments AFE4403 Datasheet HTML 17Page - Texas Instruments AFE4403 Datasheet HTML 18Page - Texas Instruments AFE4403 Datasheet HTML 19Page - Texas Instruments AFE4403 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
AFE
TX_SUP
TX3
TX2
TX1
TX_SUP
LEDs
16
AFE4404
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.1.1.1
LED Current Setting
The default LED current range is from 0 mA to 50 mA. The individual currents of each of the three LEDs can be
controlled independently, each with a separate 6-bit control.
Taken as a decimal number, the 6-bit setting provides 63 equal steps between 0 mA and 50 mA. Each increment
of the ILED 6-bit code causes the LED current setting to increment by approximately 0.8 mA. For details, see
register 22h.
The LED current range can be doubled by setting the ILED_2X bit to 1. The accuracy of higher current settings
close to 100 mA can be low because of current saturation of the driver. Each increment of the ILED 6-bit code
causes the LED current to increment by approximately 1.6 mA when ILED_2X is set to 1.
8.3.1.2 TIA Gain Settings
The TIA gain is set by programming the value of Rf (the feedback resistor of the TIA). The Rf setting is controlled
using the TIA_GAIN register bit. For details see register 21h.
By default, the same TIA_GAIN setting is applied for all four phases of the receiver. Separate gains can be set
for two of the four phases by setting the EN_SEP_GAIN bit. When the EN_SEP_GAIN bit is enabled, the
TIA_GAIN register controls the Rf1 setting and the TIA_GAIN_SEP register controls the Rf2 settings.
Mapping of the Rf1 / Rf2 values to the two sets of 3-bit controls is described in Table 50.
8.3.1.3 TIA Bandwidth Settings
TIA bandwidth settings are similar to TIA gain settings. The TIA bandwidth is set by programming the value of Cf
(the feedback capacitance of the TIA). The product of Rf and Cf gives the time constant of the TIA and must be
set approximately 1/5th (or less) of the LED or sampling pulse durations. This choice of time constant allows the
TIA to pass the incoming pulses from the photodiode.
Cf is controlled using the TIA_CF register bit. For details, see register 21.
By default, the same TIA_CF setting is applied for all four phases of the receiver. Similar to the TIA gain settings,
a separate Cf can be set for two of the four phases by setting the EN_SEP_GAIN bit. When the EN_SEP_GAIN
bit is enabled, the TIA_CF register controls the Cf1 settings and TIA_CF_SEP controls the Cf2 settings. Mapping
the Cf1 / Cf2 values to the two sets of 3-bit controls is the same as illustrated in Table 51.
8.3.2 Power Management
The AFE has three independent supplies for the transmitter, receiver, and I/O.
8.3.2.1 Transmitter Supply (TX_SUP)
The transmitter supply has a range of 3.0 V to 5.25 V. In the most common arrangement, this supply can be the
same supply that the anodes of the LEDs are tied to, as shown in Figure 25.
Figure 25. LED to Pin Connections
When the LEDs must be tied to a different supply, care must be taken to ensure that the LED supply is within
0.3 V of TX_SUP. This consideration of the LED supply voltage prevents the electrostatic discharge (ESD)
diodes inside the AFE from turning on during the off state of the LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com