Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 1 Page - Texas Instruments

Part # AFE4403
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4403 Datasheet(HTML) 1 Page - Texas Instruments

  AFE4403 Datasheet HTML 1Page - Texas Instruments AFE4403 Datasheet HTML 2Page - Texas Instruments AFE4403 Datasheet HTML 3Page - Texas Instruments AFE4403 Datasheet HTML 4Page - Texas Instruments AFE4403 Datasheet HTML 5Page - Texas Instruments AFE4403 Datasheet HTML 6Page - Texas Instruments AFE4403 Datasheet HTML 7Page - Texas Instruments AFE4403 Datasheet HTML 8Page - Texas Instruments AFE4403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
Rf
Cf
Rf
Cf
Buffer
I-V Amplifier (TIA)
Offset
Cancellation
DAC
I
2C Interface
INP
INM
LED
Driver
ILED
TX_SUP
TX3
TX2
TX1
LDO
RX_SUP
I2C_CLK
I2C_DAT
RESETZ
ADC_RDY
IO_SUP
CLK
Timing
Engine
IO
Buffer
GND
TX_SUP
Noise-
Reduction
Filter
Internal,
External
Clock
ADC
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
AFE4404
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
AFE4404 Ultra-Small, Integrated AFE for
Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
1
1 Features
1
•
Transmitter:
–
Supports Common Anode LED Configuration
–
Dynamic Range: 100 dB
–
6-Bit Programmable LED Current to 50 mA
(Extendable to 100 mA)
–
Programmable LED On-Time
–
Simultaneous Support of 3 LEDs for Optimized
SpO2, HRM, or Multi-Wavelength HRM
•
Receiver:
–
24-Bit Representation of the Current Input from
a Photodiode in Twos Complement Format
–
Individual DC Offset Subtraction DAC at TIA
Input for Each LED and Ambient Phase
–
Digital Ambient Subtraction at ADC Output
–
Programmable Transimpedance Gain:
10 kΩ to 2 MΩ
–
Dynamic Range: 100 dB
–
Average Current Less Than 200 μA for PPG
Signal Acquisition
•
Pulse Frequency: 10 SPS to 1000 SPS
•
Flexible Pulse Sequencing and Timing Control
•
Flexible Clock Options:
–
External Clocking:
4-MHz to 60-MHz Input Clock
–
Internal Clocking: 4-MHz Oscillator
•
I2C Interface
•
Operating Temperature Range: –20°C to 70°C
•
2.6-mm × 1.6-mm DSBGA Package, 0.5-mm Pitch
•
Supplies: Rx: 2 V to 3.6 V, Tx: 3 V to 5.25 V,
IO: 1.8 V to 3.6 V
2 Applications
•
Optical Heart-Rate Monitoring (HRM)
•
Heart-Rate Variability (HRV)
•
Pulse Oximetry (SpO2 Measurement)
•
VO2 Max
•
Calorie Expenditure
3 Description
The AFE4404 is an analog front-end (AFE) for optical
bio-sensing
applications,
such
as
heart-rate
monitoring
(HRM)
and
saturation
of
peripheral
capillary oxygen (SpO2). The device supports three
switching light-emitting diodes (LEDs) and a single
photodiode. The current from the photodiode is
converted
into
voltage
by
the
transimpedance
amplifier (TIA) and digitized using an analog-to-digital
converter (ADC). The ADC code can be read out
using an I2C interface. The AFE also has a fully-
integrated LED driver with a 6-bit current control. The
device has a high dynamic range transmit and
receive circuitry that helps with the sensing of very
small signal levels.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AFE4404
DSBGA (15)
2.60 mm × 1.60 mm(2)
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
(2) Refers to dimensions D × E in Figure 99.
Simplified Block Diagram


Similar Part No. - AFE4403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4403 TI-AFE4403 Datasheet
1Mb / 97P
AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4403YZPR TI-AFE4403YZPR Datasheet
1Mb / 97P
AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4403YZPT TI-AFE4403YZPT Datasheet
1Mb / 97P
AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4403 TI-AFE4403_15 Datasheet
1Mb / 97P
AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
More results

Similar Description - AFE4403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4404 TI-AFE4404_15 Datasheet
1Mb / 80P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
AFE4405 TI1-AFE4405 Datasheet
682Kb / 11P
AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4420 TI1-AFE4420 Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44S30 TI1-AFE44S30 Datasheet
638Kb / 7P
AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44I30 TI1-AFE44I30 Datasheet
127Kb / 5P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE49I30 TI1-AFE49I30 Datasheet
729Kb / 7P
AFE49I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
AFE4950 TI1-AFE4950 Datasheet
141Kb / 5P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V01 Datasheet
977Kb / 8P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V02 Datasheet
1Mb / 11P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE44I30 TI-AFE44I30_V01 Datasheet
736Kb / 7P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
FEBRUARY 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com