Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 5 Page - Texas Instruments

Part # AFE4403
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4403 Datasheet(HTML) 5 Page - Texas Instruments

  AFE4403 Datasheet HTML 1Page - Texas Instruments AFE4403 Datasheet HTML 2Page - Texas Instruments AFE4403 Datasheet HTML 3Page - Texas Instruments AFE4403 Datasheet HTML 4Page - Texas Instruments AFE4403 Datasheet HTML 5Page - Texas Instruments AFE4403 Datasheet HTML 6Page - Texas Instruments AFE4403 Datasheet HTML 7Page - Texas Instruments AFE4403 Datasheet HTML 8Page - Texas Instruments AFE4403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
5
AFE4404
www.ti.com
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Depending on whether external clock mode or internal oscillator mode is used, extra series or shunt resistors are recommended on the
CLK pin. For more details, see the Typical Application section.
(2)
In both hardware power-down (PWDN) and software power-down (PDNAFE) modes, the CLK pin is driven by the AFE to 0 V.
Therefore, if operating in external clock mode, take care to shut off the external clock to the AFE when in these power-down modes.
(3)
Maintain the indicated polarity of photodiode connections to the AFE input pins.
(4)
A RESET pulse must be applied after power-up to ensure that the registers are all reset to their default values.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ADC_RDY
B2
Digital
ADC ready interrupt signal (output)
CLK
C2
Digital
Clock input or output, selectable based on register. Default is input (external clock mode).
Can be set via a register to output the clock when the oscillator is enabled.(1)(2)
DNC
C1
Do not connect (leave floating)
GND
D3
Ground
Common ground for transmitter and receiver
I2C_CLK
E2
Digital
I2C clock input, external pullup resistor to IO_SUP (for example, 10 kΩ)
I2C_DAT
E1
Digital
I2C data, external pullup resistor to IO_SUP (for example, 10 kΩ)
INM
A1
Analog
Connect only to anode of photodiode(3)
INP
B1
Analog
Connect only to cathode of photodiode(3)
IO_SUP
A3
Supply
Separate supply for digital I/O. Must be less than or equal to RX_SUP.
Can be tied to RX_SUP.
RESETZ
D1
Digital
RESETZ or PWDN: function based on (active low) duration of RESETZ pulse(4).
A 25-µs to 50-µs duration = RESETZ active.
A > 200-µs duration = PWDN active.
RX_SUP
A2
Supply
Receiver supply; 1-µF decapacitor to GND
TX1
B3
Analog
Transmit output, LED1
TX2
D2
Analog
Transmit output, LED2
TX3
C3
Analog
Transmit output, LED3
TX_SUP
E3
Supply
Transmitter supply; 1-µF decapacitor to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com