Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 41 Page - Texas Instruments

Part # AFE4403
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4403 Datasheet(HTML) 41 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 37Page - Texas Instruments AFE4403 Datasheet HTML 38Page - Texas Instruments AFE4403 Datasheet HTML 39Page - Texas Instruments AFE4403 Datasheet HTML 40Page - Texas Instruments AFE4403 Datasheet HTML 41Page - Texas Instruments AFE4403 Datasheet HTML 42Page - Texas Instruments AFE4403 Datasheet HTML 43Page - Texas Instruments AFE4403 Datasheet HTML 44Page - Texas Instruments AFE4403 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 85 page
background image
41
AFE4404
www.ti.com
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.5.11 Register Ah (address = Ah) [reset = 0h]
Figure 48. Register Ah
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
15
14
13
12
11
10
9
8
LED2LEDENDC
R/W-0h
7
6
5
4
3
2
1
0
LED2LEDENDC
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 27. Register Ah Field Descriptions
Bit
Field
Type
Reset
Description
23-16
0
W
0h
Must write 0.
15-0
LED2LEDENDC
R/W
0h
LED2 end
8.5.12 Register Bh (address = Bh) [reset = 0h]
Figure 49. Register Bh
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
15
14
13
12
11
10
9
8
ALED1STC
R/W-0h
7
6
5
4
3
2
1
0
ALED1STC
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 28. Register Bh Field Descriptions
Bit
Field
Type
Reset
Description
23-16
0
W
0h
Must write 0.
15-0
ALED1STC
R/W
0h
Sample ambient 1 start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com