Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 69 Page - Texas Instruments

Part # AFE4403
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4403 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 65Page - Texas Instruments AFE4403 Datasheet HTML 66Page - Texas Instruments AFE4403 Datasheet HTML 67Page - Texas Instruments AFE4403 Datasheet HTML 68Page - Texas Instruments AFE4403 Datasheet HTML 69Page - Texas Instruments AFE4403 Datasheet HTML 70Page - Texas Instruments AFE4403 Datasheet HTML 71Page - Texas Instruments AFE4403 Datasheet HTML 72Page - Texas Instruments AFE4403 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 85 page
background image
69
AFE4404
www.ti.com
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 92 illustrates the typical connection of the AFE. The following points are to be noted:
1. Use decoupling capacitors (1 µF or higher) placed close to the device to filter noise on RX_SUP and
TX_SUP.
2. The voltage level used for IO_SUP must be the same as the I/O voltage level for the MCU.
3. In external clock mode, TI recommends connecting a series resistor (Rseries) on the CLK pin. At power-up
and before a RESET pulse is applied, the register bits can be in an uninitialized state. The CLK pin can
possibly be configured as an output pin in this uninitialized state because the CLK pin is an I/O pin. In such a
scenario, Rseries limits the current (because the MCU also attempts to drive the CLK pin). For maximum
frequency of the external clock (60 MHz), the Rseries value is recommended to be 500 Ω.
4. In internal oscillator mode, a shunt resistor (Rshunt) equal to 500 kΩ is recommended to be connected to the
CLK pin. At power-up and after reset, the device resets to the default mode of the external clock. The CLK
pin is in a tri-state mode until the internal clock mode with the CLK output enabled is written through the I2C
interface. The function of Rshunt is to pull down the CLK pin to a logic level of 0 so that the input clock to the
MCU is at a logic level even when the CLK pin is tri-stated.
5. When in power-down mode (PWDN and PDNAFE) the CLK pin must be shut off (tri-stated or driven to zero),
if externally driven.
9.2.1 Design Requirements
The AFE architecture is very flexible, and can be used for both high-performance saturation of peripheral
capillary oxygen (SpO2) applications as well as low-power, battery-operated heart-rate monitoring (HRM)
applications as a result of this flexibility. The high dynamic range of the AFE enables excellent SNR for the signal
of interest (usually small in amplitude) even in the presence of large-signal artifacts resulting from ambient and
motion changes.
9.2.2 Detailed Design Procedure
The following important factors are key to extracting the full performance benefit from the AFE:
1. Good optics including bright LEDs and high-sensitivity photodiodes
2. Good mechanical design
3. A calibration loop that sets the optimal AFE settings based on the signal conditions
TI recommends that a system-level budgeting of dynamic range be initially done based on the following factors:
1. The range of the dc signal currents that are input to the AFE
2. The range of ac-to-dc ratio across different users
3. Signal current changes expected from artifacts (such as motion and ambient light changes)
4. The SNR required for heart-rate extraction algorithms to function successfully
Based on the above analysis, the available dynamic range from the AFE (approximately 100 dB) can be
partitioned between the various components, and the target dc level for the calibration algorithm can also be
arrived at.
9.2.2.1 System-Level ESD Considerations
To meet system-level ESD requirements, additional on-board ESD protection diodes may be required to be
connected to the AFE4404 input pins. The input pins are sensitive to leakage, so using low-leakage ESD diodes
is recommended for protecting these pins.
TI’s portfolio of ESD protection devices can be accessed at the Overview for ESD Protection Diodes page.
The ESD Protection Layout Guide (SLVA680) is available for download at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com