Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 68 Page - Texas Instruments

Part # AFE4403
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4403 Datasheet(HTML) 68 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 64Page - Texas Instruments AFE4403 Datasheet HTML 65Page - Texas Instruments AFE4403 Datasheet HTML 66Page - Texas Instruments AFE4403 Datasheet HTML 67Page - Texas Instruments AFE4403 Datasheet HTML 68Page - Texas Instruments AFE4403 Datasheet HTML 69Page - Texas Instruments AFE4403 Datasheet HTML 70Page - Texas Instruments AFE4403 Datasheet HTML 71Page - Texas Instruments AFE4403 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 85 page
background image
AFE
INP
INM
TX_SUP
TX3
TX2
TX1
RX_SUP
I2C_CLK
I2C_DAT
RESETZ
ADC_RDY
TX_SUP
IO_SUP
CLK
MCU
GND
LEDs
Rseries
Rshunt
Copyright © 2016, Texas Instruments Incorporated
68
AFE4404
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The AFE is designed to operate with a minimal number of external components. Deriving the power supplies for
the AFE from the available source of power in the system can require an additional external LDO or boost
converter. A reset is essential after power-up to ensure that all registers are reset to their default values. TI also
recommends that the entire system be operated using a single master clock. The AFE can either be set to
accept an external clock derived from a master clock generated elsewhere in the system, or the AFE can provide
its internal oscillator as an output clock to serve as the master clock for the rest of the system. If a single master
clock is not possible, extra care must be taken to ensure that spurious energy from unrelated clocks does not get
coupled into the AFE. If this energy does couple into the AFE the spurs get aliased based on the sampling
operation. These aliased spurs can result in a faulty detection of parameters (such as heart rate). The
photodiode outputs are specifically prone to picking up noise. Especially when operating in coexistence and
close proximity with RF communication circuitry [such as Bluetooth® low energy (BLE)], a common-mode choke
may become essential to add in the path of the AFE inputs to reject the interference.
9.2 Typical Application
NOTE: Use Rseries in external clock mode and Rshunt in internal oscillator mode.
Figure 92. Typical AFE Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com