Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 6 Page - Texas Instruments

Part # AFE4403
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4403 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 2Page - Texas Instruments AFE4403 Datasheet HTML 3Page - Texas Instruments AFE4403 Datasheet HTML 4Page - Texas Instruments AFE4403 Datasheet HTML 5Page - Texas Instruments AFE4403 Datasheet HTML 6Page - Texas Instruments AFE4403 Datasheet HTML 7Page - Texas Instruments AFE4403 Datasheet HTML 8Page - Texas Instruments AFE4403 Datasheet HTML 9Page - Texas Instruments AFE4403 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
6
AFE4404
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage range
RX_SUP to GND
–0.3
4
V
IO_SUP to GND
–0.3
4
RX_SUP-IO_SUP
–0.3
TX_SUP to GND
–0.3
6
Voltage applied to analog inputs
Max [–0.3, (GND – 0.3)]
Min [4, (RX_SUP + 0.3)]
V
Voltage applied to digital inputs
Max [–0.3, (GND – 0.3)]
Min [4, (IO_SUP + 0.3)]
V
Maximum duty cycle (cumulative):
sum of all LED phase durations as a function
of the total period
50-mA LED current mode
(ILED_2X = 0)
10%
100-mA LED current mode
(ILED_2X = 1)
3%
Storage temperature, Tstg
–60
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
VLED refers to the maximum voltage drop across the external LED (at maximum LED current). This value is usually governed by the
forward drop voltage (VFB) of the LED.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
RX_SUP
Receiver supply
2
3.6
V
IO_SUP
Input/output supply
1.7
Min (3.6, RX_SUP)
V
TX_SUP
Transmitter supply
50-mA LED current mode
(ILED_2X = 0)
3.0 or (0.5 + VLED)
(1),
whichever is greater
5.25
V
100-mA LED current mode
(ILED_2X = 1)
3.0 or (1.0 + VLED)
(1),
whichever is greater
5.25
Digital inputs
0
IO_SUP
V
Analog inputs
0
RX_SUP
V
Operating temperature range
–20
70
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
AFE4404
UNIT
YZP (DSBGA)
15 BALLS
RθJA
Junction-to-ambient thermal resistance
67.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.5
°C/W
RθJB
Junction-to-board thermal resistance
12.9
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
12.9
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com