Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 10 Page - Texas Instruments

Part # AFE4403
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4403 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 6Page - Texas Instruments AFE4403 Datasheet HTML 7Page - Texas Instruments AFE4403 Datasheet HTML 8Page - Texas Instruments AFE4403 Datasheet HTML 9Page - Texas Instruments AFE4403 Datasheet HTML 10Page - Texas Instruments AFE4403 Datasheet HTML 11Page - Texas Instruments AFE4403 Datasheet HTML 12Page - Texas Instruments AFE4403 Datasheet HTML 13Page - Texas Instruments AFE4403 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
Frequency (Hz)
1
2
3 4 5 67 10
20 30 50 70100
200
500 1000
-20
-16
-12
-8
-4
0
4
8
5% Duty Cycle
25% Duty Cycle
Frequency (Hz)
0
100
200
300
400
500
600
700
800
900 1000
-50
-40
-30
-20
-10
0
10
PRF = 50 Hz
PRF = 100 Hz
PRF = 200 Hz
PRF = 400 Hz
PRF = 800 Hz
PRF = 1000 Hz
Duty Cycle (%)
0
5
10
15
20
25
20
60
100
140
180
220
D022
Decimation Factor = 1
Decimation Factor = 2
Decimation Factor = 4
Decimation Factor = 8
Decimation Factor = 16
Duty Cycle (%)
0
5
10
15
20
25
0
100
200
300
400
500
I_OFFDAC = 0 PA, Rf = 25 k:
I_OFFDAC = 7 PA, Rf = 1000 k:
I_OFFDAC = 7 PA, Rf = 250 k:
Duty Cycle (%)
0
5
10
15
20
25
20
25
30
35
40
45
50
ADC Averaging = 1
ADC Averaging = 2
ADC Averaging = 4
ADC Averaging = 8
ADC Averaging = 16
Duty Cycle (%)
0
5
10
15
20
25
94
96
98
100
102
ADC Averaging = 1
ADC Averaging = 2
ADC Averaging = 4
ADC Averaging = 8
ADC Averaging = 16
10
AFE4404
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At 25°C, TX_SUP = 4 V, RX_SUP = IO_SUP = 3.3 V, 100-Hz PRF, 25% duty cycle, Rf = 500 kΩ, Cf is adjusted to keep the
TIA time constant at 1/10th of the sampling duration, 8-MHz external clock (with CLKDIV_EXTMODE set to divide-by-2),
CLKDIV_PRF = 1, detector CIN = 50 pF, ADC averaging = max allowed, SNR (dBFS) = noise referred to full-scale range of
2 V, noise integrated from 1 Hz to Nyquist (= PRF / 2), and values assigned to CLKDIV_EXTMODE and CLK_DIV_PRF
parameters correspond to division ratios controlled by these modes, unless otherwise specified.
Figure 7. Receiver Input-Referred Noise Current over
Nyquist Bandwidth vs Duty Cycle (Different ADC Averaging)
Figure 8. Receiver Signal-to-Noise Ratio over Nyquist
Bandwidth vs Duty Cycle (Different ADC Averaging)
Figure 9. Input-Referred Noise Current in Nyquist
Bandwidth vs Duty Cycle (Different Decimation Factor)
Figure 10. Receiver Input-Referred Noise in 20-Hz
Bandwidth vs Duty Cycle
(Different Offset Cancellation DAC Currents)
PRF = 2000 Hz
Figure 11. Response of the Switched-RC Filter
at the AFE Output
Figure 12. Filter Response for Multiple PRFs at
1% Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com