Electronic Components Datasheet Search
  English  ▼

X  

BUF22821 Datasheet(PDF) 26 Page - Texas Instruments

Part # BUF22821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF22821 Datasheet(HTML) 26 Page - Texas Instruments

Back Button BUF22821 Datasheet HTML 21Page - Texas Instruments BUF22821 Datasheet HTML 22Page - Texas Instruments BUF22821 Datasheet HTML 23Page - Texas Instruments BUF22821 Datasheet HTML 24Page - Texas Instruments BUF22821 Datasheet HTML 25Page - Texas Instruments BUF22821 Datasheet HTML 26Page - Texas Instruments BUF22821 Datasheet HTML 27Page - Texas Instruments BUF22821 Datasheet HTML 28Page - Texas Instruments BUF22821 Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
www.ti.com
PACKAGE OUTLINE
C
36X 0.5
2X
9
38X
0.27
0.17
6.6
6.2
TYP
SEATING
PLANE
0.15
0.05
0.25
GAGE PLANE
0 -8
1.2 MAX
2X 0.95 MAX
NOTE 5
2X 0.95 MAX
NOTE 5
4.70
3.94
2.90
2.43
B
4.5
4.3
A
9.8
9.6
NOTE 3
0.75
0.50
(0.15) TYP
PowerPAD TSSOP - 1.2 mm max height
DCP0038A
SMALL OUTLINE PACKAGE
4218816/A 10/2018
1
19
20
38
0.08
C A B
PIN 1 INDEX
AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-153.
5. Features may differ or may not be present.
TM
PowerPAD is a trademark of Texas Instruments.
A 20
DETAIL A
TYPICAL
SCALE 2.000
THERMAL
PAD
1
19
20
38
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com