Electronic Components Datasheet Search
  English  ▼

X  

BUF22821 Datasheet(PDF) 13 Page - Texas Instruments

Part # BUF22821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF22821 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BUF22821 Datasheet HTML 9Page - Texas Instruments BUF22821 Datasheet HTML 10Page - Texas Instruments BUF22821 Datasheet HTML 11Page - Texas Instruments BUF22821 Datasheet HTML 12Page - Texas Instruments BUF22821 Datasheet HTML 13Page - Texas Instruments BUF22821 Datasheet HTML 14Page - Texas Instruments BUF22821 Datasheet HTML 15Page - Texas Instruments BUF22821 Datasheet HTML 16Page - Texas Instruments BUF22821 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
BUF22821
www.ti.com
SBOS399D
– JUNE 2007 – REVISED JULY 2011
Reading: DAC/VCOM/OTHER Register (volatile
7. Acknowledge after receiving each byte of data.
memory)
8. When all desired DACs have been read, send a
STOP or START condition on the bus.
Reading a register returns the data stored in that
DAC/VCOM/OTHER register.
Communication may be terminated by sending a
premature STOP or START condition on the bus, or
To read a single DAC/VCOM/OTHER register:
by not sending the acknowledge bit. The reading of
1. Send a START condition on the bus.
registers
DieID,
DieRev,
and
MaxBank
is
not
2. Send the device address and read/write bit =
supported in this mode of operation (they must be
LOW. The BUF22821 acknowledges this byte.
read using the single register read method).
3. Send the DAC/VCOM/OTHER pointer address
byte. Set bit D7 = 0 and D6 = 0; bits D5
–D0 are
Write: Nonvolatile Memory for the DAC Register
the DAC/VCOM/OTHER address. Only addresses
The BUF22821 is able to write to the nonvolatile
000000
–010111, 111100, 111101, and 111111
memory
of
a
single
DAC/VCOM
in
a
single
are valid and are acknowledged.
communication
transaction.
In
contrast
to
the
4. Send a START or STOP/START condition.
BUF20820, writing to multiple nonvolatile memory
5. Send the correct device address and read/write
words in a single transaction is not supported. Valid
bit = HIGH. The BUF22821 acknowledges this
DAC/VCOM pointer addresses begin with 000000
byte.
(which corresponds to OUT1) through 010111 (which
corresponds to OUT22).
6. Receive two bytes of data. They are for the
specified register. The most significant byte (bits
When programming the nonvolatile memory, the
D15
–D8) is received first; next is the least
analog supply voltage must be between 9V and 20V.
significant byte (bits D7
–D0). In the case of
Write commands are performed by setting the
DAC/VCOM channels, bits D15–D10 have no
read/write bit LOW.
meaning.
7. Acknowledge after receiving the first byte.
To write to a single nonvolatile register:
8. Send a STOP or START condition on the bus or
do not acknowledge the second byte to end the
1. Send a START condition on the bus.
read transaction.
2. Send the device address and read/write bit =
LOW. The BUF22821 acknowledges this byte.
Communication may be terminated by sending a
Only addresses 000000 to 010111 are valid and
premature STOP or START condition on the bus, or
are acknowledged. See Table 5 for DAC/VCOM
by not acknowledging.
addresses.
To read multiple registers:
3. Send a DAC/VCOM pointer address byte. Set bit
1. Send a START condition on the bus.
D7 = 0 and D6 = 0. Bits D5
–D0 are the
2. Send the device address and read/write bit =
DAC/VCOM address.
LOW. The BUF22821 acknowledges this byte.
4. Send two bytes of data for the nonvolatile register
3. Send either the OUT1 pointer address byte to
of the specified DAC/VCOM. Begin by sending the
start at the first DAC, or send the pointer address
most significant byte first (bits D15
–D8, of which
byte for whichever register is the first in the
only bits D9 and D8 are data bits, and bits
sequence of DACs/VCOMs to be read. The
D15
–D14 must be 01), followed by the least
BUF22821 begins with this DAC/VCOM and steps
significant byte (bits D7
–D0). The register is
through subsequent DACs/VCOMs in sequential
updated after receiving the second byte.
order.
5. Send a STOP condition on the bus.
4. Send a START or STOP/START condition on the
The BUF22821 acknowledges each data byte. If the
bus.
master terminates communication early by sending a
5. Send the correct device address and read/write
STOP or START condition on the bus, the specified
bit = HIGH. The BUF22821 acknowledges this
nonvolatile
register
is
not
updated.
Writing
a
byte.
nonvolatile register also updates the DAC/VCOM
6. Receive two bytes of data. They are for the
register and output voltage.
specified DAC/VCOM. The first received byte is the
most significant byte (bits D15
–D8, only bits D9
and
D8
have
meaning),
next
is
the
least
significant byte (bits D7
–D0).
Copyright
© 2007–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com