Electronic Components Datasheet Search
  English  ▼

X  

BUF22821 Datasheet(PDF) 3 Page - Texas Instruments

Part # BUF22821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF22821 Datasheet(HTML) 3 Page - Texas Instruments

  BUF22821 Datasheet HTML 1Page - Texas Instruments BUF22821 Datasheet HTML 2Page - Texas Instruments BUF22821 Datasheet HTML 3Page - Texas Instruments BUF22821 Datasheet HTML 4Page - Texas Instruments BUF22821 Datasheet HTML 5Page - Texas Instruments BUF22821 Datasheet HTML 6Page - Texas Instruments BUF22821 Datasheet HTML 7Page - Texas Instruments BUF22821 Datasheet HTML 8Page - Texas Instruments BUF22821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
BUF22821
www.ti.com
SBOS399D
– JUNE 2007 – REVISED JULY 2011
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
At TA = +25°C, VS = +18V, VSD = +2V, RL = 1.5kΩ connected to ground, and CL = 200pF, unless otherwise noted.
BUF22821
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG GAMMA BUFFER CHANNELS
Reset Value
Code 512
9
V
OUT 1
–22 Output Swing: High
Code = 1023, Sourcing 10mA
17.7
17.85
V
OUT 1
–22 Output Swing: Low
Code = 0, Sinking 10mA
0.07
0.2
V
STATINH Output Swing: High
VIN = 18V, Sourcing 10mA
17.7
17.85
V
STATINL Output Swing: Low
VIN = 0V, Sinking 10mA
0.17
0.25
V
VCOM1, 2 Output Swing: High
Code = 1023, Sourcing 100mA
13
16.2
V
VCOM1, 2 Output Swing: Low
Code = 0, Sinking 100mA
0.6
2
V
Continuous Output Current
Note (1)
30
mA
Output Accuracy
±20
±50
mV
vs Temperature
Code 512
±25
μV/°C
Integral Nonlinearity
INL
0.3
Bits
Differential Nonlinearity
DNL
0.3
Bits
Load Regulation, 10mA
REG
Code 512 or VCC/2, IOUT = +5mA to –5mA Step
0.5
1.5
mV/mA
OTP MEMORY
Number of OTP Write Cycles
16
Cycles
Memory Retention
100
Years
ANALOG POWER SUPPLY
Operating Range
9
20
V
Total Analog Supply Current
IS
Outputs at Reset Values, No Load
12
17
mA
Over Temperature
18
mA
DIGITAL
Logic 1 Input Voltage
VIH
0.7
× VSD
V
Logic 0 Input Voltage
VIL
0.3
× VSD
V
Logic 0 Output Voltage
VOL
ISINK = 3mA
0.15
0.4
V
Input Leakage
±0.01
±10
μA
Clock Frequency
fCLK
Standard/Fast Mode
400
kHz
High-Speed Mode
3.4
MHz
DIGITAL POWER SUPPLY
Operating Range
VSD
2.0
5.5
V
Digital Supply Current
ISD
Outputs at Reset Values, No Load, Two-Wire Bus Inactive
115
150
μA
Over Temperature
115
μA
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
Junction Temperature
< +125°C
–40
+95
°C
Storage Range
–65
+150
°C
Thermal Resistance(1)
θJA
HTSSOP-38
Note (1)
40
°C/W
(1)
Thermal pad attached to printed circuit board (PCB), 0lfm airflow, JEDEC High-K test board.
Copyright
© 2007–2011, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com