Electronic Components Datasheet Search
  English  ▼

X  

BUF22821 Datasheet(PDF) 10 Page - Texas Instruments

Part # BUF22821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF22821 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BUF22821 Datasheet HTML 6Page - Texas Instruments BUF22821 Datasheet HTML 7Page - Texas Instruments BUF22821 Datasheet HTML 8Page - Texas Instruments BUF22821 Datasheet HTML 9Page - Texas Instruments BUF22821 Datasheet HTML 10Page - Texas Instruments BUF22821 Datasheet HTML 11Page - Texas Instruments BUF22821 Datasheet HTML 12Page - Texas Instruments BUF22821 Datasheet HTML 13Page - Texas Instruments BUF22821 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
V
=V ´
OUT
S
CODE
10
1024
BUF22821
SBOS399D
– JUNE 2007 – REVISED JULY 2011
www.ti.com
DATA RATES
OUTPUT VOLTAGE
The two-wire bus operates in one of three speed
Buffer output values are determined by the analog
modes:
supply voltage (VS) and the decimal value of the
binary input code used to program that buffer. The
•
Standard: allows a clock frequency of up to
value is calculated using Equation 1:
100kHz;
•
Fast: allows a clock frequency of up to 400kHz;
and
(1)
•
High-speed mode (also called Hs mode): allows a
The BUF22821 outputs are capable of a full-scale
clock frequency of up to 3.4MHz.
voltage
output
change
in
typically
5
μs—no
The BUF22821 is fully compatible with all three
intermediate steps are required.
modes. No special action is required to use the
device in Standard or Fast modes, but High-speed
UPDATING THE DAC OUTPUTS
mode must be activated. To activate High-speed
Because the BUF22821 features a double-buffered
mode, send a special address byte of 00001xxx, with
register
structure,
updating
the
digital-to-analog
SCL = 400kHz, following the START condition; where
converter (DAC) and/or the VCOM register is not the
xxx are bits unique to the Hs-capable master, which
same as updating the DAC and/or VCOM output
can be any value. This byte is called the Hs master
voltage. There are two methods for updating the
code. (Note that this is different from normal address
DAC/VCOM output voltages.
bytes
—the low bit does not indicate read/write
status.) The BUF22821 responds to the High-speed
Method 1: Method 1 is used when it is desirable to
command regardless of the value of these last three
have
the
DAC/VCOM
output
voltage
change
bits. The BUF22821 does not acknowledge this byte;
immediately after writing to a DAC register. For each
the
communication
protocol
prohibits
write transaction, the master sets data bit 15 to a '1'.
acknowledgement
of
the
Hs
master
code.
On
The DAC/VCOM output voltage update occurs after
receiving a master code, the BUF22821 switches on
receiving the 16th data bit for the currently-written
its Hs mode filters, and communicates at up to
register.
3.4MHz. Additional high-speed transfers may be
initiated without resending the Hs mode byte by
Method 2: Method 2 is used when it is desirable to
generating a repeat START without a STOP. The
have all DAC/VCOM output voltages change at the
BUF22821 switches out of Hs mode with the next
same time. First, the master writes to the desired
STOP condition.
DAC/VCOM channels with data bit 15 a '0'. Then,
when writing the last desired DAC/VCOM channel, the
master sets data bit 15 to a '1'. All DAC/VCOM
GENERAL-CALL RESET AND POWER-UP
channels are updated at the same time after
The BUF22821 responds to a General-Call Reset,
receiving the 16th data bit.
which is an address byte of 00h (0000 0000) followed
by a data byte of 06h (0000 0110). The BUF22821
NONVOLATILE MEMORY
acknowledges
both
bytes.
Upon
receiving
a
General-Call Reset, the BUF22821 performs a full
BKSEL Pin
internal reset, as though it had been powered off and
then on. It always acknowledges the General-Call
The BUF22821 has 16x rewrite capability of the
address byte of 00h (0000 0000), but does not
nonvolatile memory. Additionally, the BUF22821 has
acknowledge any General-Call data bytes other than
the ability to store two distinct gamma curves in two
06h (0000 0110).
different nonvolatile memory banks, each of which
has 16x rewrite capability. One of the two available
When the BUF22821 powers up, it automatically
banks is selected using the external input pin,
performs a reset. As part of the reset, the BUF22821
BKSEL. When this pin is low, BANK0 is selected;
is configured for all outputs to change to the last
when this pin is high, BANK1 is selected.
programmed
nonvolatile
memory
values,
or
1000000000 if the nonvolatile memory values have
When the BKSEL pin changes state, the BUF22821
not been programmed.
acquires the last programmed DAC/VCOM values from
the nonvolatile memory associated with this newly
chosen bank. At power-up, the state of the BKSEL
pin determines which memory bank is selected.
10
Copyright
© 2007–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com