Electronic Components Datasheet Search
  English  ▼

X  

BUF22821 Datasheet(PDF) 6 Page - Texas Instruments

Part # BUF22821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF22821 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BUF22821 Datasheet HTML 2Page - Texas Instruments BUF22821 Datasheet HTML 3Page - Texas Instruments BUF22821 Datasheet HTML 4Page - Texas Instruments BUF22821 Datasheet HTML 5Page - Texas Instruments BUF22821 Datasheet HTML 6Page - Texas Instruments BUF22821 Datasheet HTML 7Page - Texas Instruments BUF22821 Datasheet HTML 8Page - Texas Instruments BUF22821 Datasheet HTML 9Page - Texas Instruments BUF22821 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
OutputCurrent(mA)
18.0
17.5
17.0
16.5
0
0
25
50
75
100
150
16.0
15.5
15.0
3.0
2.5
2.0
1.5
1.0
0.5
125
OutputCurrent(mA)
0
25
50
75
100
150
18.0
17.5
17.0
16.5
16.0
15.5
15.0
0
3.0
2.5
2.0
1.5
1.0
0.5
125
OutputCurrent(mA)
0
25
50
75
100
150
125
18.0
17.5
17.0
16.5
16.0
15.5
15.0
0
3.0
2.5
2.0
1.5
1.0
0.5
OutputCurrent(mA)
0
25
50
75
100
150
125
18.0
17.5
17.0
16.5
16.0
15.5
15.0
0
3.0
2.5
2.0
1.5
1.0
0.5
Temperature( C)
°
-50
-25
0
25
50
125
14.0
11.5
11.0
10.5
10.0
9.5
75
12.0
12.5
13.0
13.5
100
Temperature( C)
°
-
50
-
25
0
25
50
125
120
110
108
106
104
102
100
75
112
114
116
118
100
BUF22821
SBOS399D
– JUNE 2007 – REVISED JULY 2011
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +18V, VSD = +2V, RL = 1.5kΩ connected to ground, and CL = 200pF, unless otherwise noted.
OUTPUT VOLTAGE vs OUTPUT CURRENT
OUTPUT VOLTAGE vs OUTPUT CURRENT
(VCOM1 and VCOM2)
(Channels 1
–22)
Figure 1.
Figure 2.
OUTPUT VOLTAGE vs OUTPUT CURRENT
OUTPUT VOLTAGE vs OUTPUT CURRENT
(STATOUTL)
(STATOUTH)
Figure 3.
Figure 4.
DIGITAL SUPPLY CURRENT vs TEMPERATURE
ANALOG SUPPLY CURRENT vs TEMPERATURE
Figure 5.
Figure 6.
6
Copyright
© 2007–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com