Electronic Components Datasheet Search
  English  ▼

X  

BUF22821 Datasheet(PDF) 1 Page - Texas Instruments

Part # BUF22821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF22821 Datasheet(HTML) 1 Page - Texas Instruments

  BUF22821 Datasheet HTML 1Page - Texas Instruments BUF22821 Datasheet HTML 2Page - Texas Instruments BUF22821 Datasheet HTML 3Page - Texas Instruments BUF22821 Datasheet HTML 4Page - Texas Instruments BUF22821 Datasheet HTML 5Page - Texas Instruments BUF22821 Datasheet HTML 6Page - Texas Instruments BUF22821 Datasheet HTML 7Page - Texas Instruments BUF22821 Datasheet HTML 8Page - Texas Instruments BUF22821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
BUF22821
STATOUTH
AVDD
STATINH
Analog
(9Vto20V)
Digital
(2.0Vto5.5V)
BKSEL
A0
SCL
SDA
V
COM2
V
COM1
ControlIF
OUT21
OUT22
BUF22821
OUT1
OUT2
STATOUTL
AVDD
STATINL
1
BUF22821
www.ti.com
SBOS399D
– JUNE 2007 – REVISED JULY 2011
Programmable Gamma-Voltage Generator and
VCOM Calibrator with Integrated Two-Bank Memory
Check for Samples: BUF22821
1
FEATURES
DESCRIPTION
The BUF22821 offers 22 programmable gamma
234
•
24-CHANNEL GAMMA
channels, two programmable VCOM channels, and two
– 22-CHANNEL PROGRAMMABLE
static gamma channels. It is ideal for the new 10-bit
– 2-CHANNEL STATIC GAMMA
source drivers that require 22 gamma channels.
•
2-CHANNEL PROGRAMMABLE VCOM
The final gamma and VCOM values can be stored in
•
10-BIT RESOLUTION
the
on-chip,
nonvolatile
memory.
To
allow
for
•
16x REWRITABLE NONVOLATILE MEMORY
programming errors or liquid crystal display (LCD)
•
TWO INDEPENDENT MEMORY BANKS
panel rework, the BUF22821 supports up to 16 write
operations to the on-chip memory. The BUF22821
•
RAIL-TO-RAIL OUTPUT
has
two
separate
banks
of
memory,
allowing
•
LOW SUPPLY CURRENT: 0.5mA/channel
simultaneous storage of two different gamma curves
•
SUPPLY VOLTAGE: 9V to 20V
to facilitate switching between gamma curves.
•
DIGITAL SUPPLY: 2V to 5.5V
All gamma and VCOM channels offer a rail-to-rail
•
I2C
™ INTERFACE
output that typically swings to within 100mV of either
supply rail with a 10mA load. All channels are
APPLICATIONS
programmed using an I2C interface that supports
standard operations up to 400kHz and high-speed
•
TFT-LCD REFERENCE DRIVERS
data transfers up to 3.4MHz.
The
BUF22821
is
manufactured
using
Texas
Instruments
’ proprietary, state-of-the-art, high-voltage
CMOS process. This process offers very dense logic
and high supply voltage operation of up to 20V. The
BUF22821 is offered in a HTSSOP-38 PowerPAD
™
package. It is specified from
–40°C to +85°C.
RELATED PRODUCTS
FEATURES
PRODUCT
12-Channel Gamma Correction Buffer
BUF12800
20-Channel Programmable Buffer, 10-Bit, VCOM
BUF20800
16-/20-Channel Programmable Buffer with Memory
BUF20820
Programmable VCOM Driver
BUF01900
18V Supply, Traditional Gamma Buffers
BUF11704
22V Supply, Traditional Gamma Buffers
BUF11705
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
I2C is a trademark of NXP Semiconductors.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2007–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BUF22821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF22821 TI1-BUF22821 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF22821 TI1-BUF22821 Datasheet
1Mb / 32P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF22821 TI1-BUF22821 Datasheet
1Mb / 35P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF22821 TI1-BUF22821 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator
More results

Similar Description - BUF22821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08821 TI-BUF08821 Datasheet
778Kb / 27P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF20800-Q1 TI1-BUF20800-Q1 Datasheet
1Mb / 32P
18-CHANNEL GAMMA VOLTAGE GENERATOR WITH TWO PROGRAMMABLE VCOM CHANNELS
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF08832 TI1-BUF08832_14 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF12840 TI1-BUF12840_14 Datasheet
1Mb / 32P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com