Electronic Components Datasheet Search
  English  ▼

X  

BUF22821 Datasheet(PDF) 7 Page - Texas Instruments

Part # BUF22821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF22821 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BUF22821 Datasheet HTML 3Page - Texas Instruments BUF22821 Datasheet HTML 4Page - Texas Instruments BUF22821 Datasheet HTML 5Page - Texas Instruments BUF22821 Datasheet HTML 6Page - Texas Instruments BUF22821 Datasheet HTML 7Page - Texas Instruments BUF22821 Datasheet HTML 8Page - Texas Instruments BUF22821 Datasheet HTML 9Page - Texas Instruments BUF22821 Datasheet HTML 10Page - Texas Instruments BUF22821 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Temperature( C)
°
-50
-25
0
25
50
125
9.020
8.995
8.990
8.985
8.980
75
9.000
9.005
9.010
9.015
100
10TypicalUnitsShown
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
0
200
1000
400
600
800
InputCode
BKSEL (2V/div)
DACChannel
(2V/div)
1ms/div
780 s
m
9V
5V
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
0
200
1000
400
600
800
InputCode
Time (2 s/div)
m
BUF22821
www.ti.com
SBOS399D
– JUNE 2007 – REVISED JULY 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +18V, VSD = +2V, RL = 1.5kΩ connected to ground, and CL = 200pF, unless otherwise noted.
OUTPUT VOLTAGE vs TEMPERATURE
DIFFERENTIAL LINEARITY ERROR
Figure 7.
Figure 8.
INTEGRAL LINEARITY ERROR
BKSEL SWITCHING TIME DELAY
Figure 9.
Figure 10.
LARGE-SIGNAL STEP RESPONSE
Figure 11.
Copyright
© 2007–2011, Texas Instruments Incorporated
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com