Electronic Components Datasheet Search
  English  ▼

X  

BUF22821 Datasheet(PDF) 5 Page - Texas Instruments

Part # BUF22821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF22821 Datasheet(HTML) 5 Page - Texas Instruments

  BUF22821 Datasheet HTML 1Page - Texas Instruments BUF22821 Datasheet HTML 2Page - Texas Instruments BUF22821 Datasheet HTML 3Page - Texas Instruments BUF22821 Datasheet HTML 4Page - Texas Instruments BUF22821 Datasheet HTML 5Page - Texas Instruments BUF22821 Datasheet HTML 6Page - Texas Instruments BUF22821 Datasheet HTML 7Page - Texas Instruments BUF22821 Datasheet HTML 8Page - Texas Instruments BUF22821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
BUF22821
www.ti.com
SBOS399D
– JUNE 2007 – REVISED JULY 2011
PIN DESCRIPTIONS
PIN #
NAME
DESCRIPTION
1
VCOM2
VCOM channel 2
2
STATINH
Static gamma input high; voltage can be set by external voltage divider.
3
OUT21
DAC output 21
4
OUT22
DAC output 22
5
OUT1
DAC output 1
6
OUT2
DAC output 2
7
OUT3
DAC output 3
8
OUT4
DAC output 4
9
OUT5
DAC output 5
10
OUT6
DAC output 6
11, 28
GNDA
Analog ground; must be connected to digital ground (GNDD).
12, 27
VS
VS connected to analog supply
13
OUT7
DAC output 7
14
OUT8
DAC output 8
15
OUT9
DAC output 9
16
STATOUTH
Static gamma output high; connect to gamma input on source driver that is closest to VS.
17
VSD
Digital supply; connect to logic supply
18
SCL
Serial clock input; open-drain, connect to pull-up resistor.
19
SDA
Serial data I/O; open-drain, connect to pull-up resistor.
20
A0
A0 address pin for I2C address; either connect to logic 1 or logic 0.
21
BKSEL
Selects memory bank 0 or 1; either connect to logic 1 to select bank 1 or logic 0 to select bank 0.
22
GNDD
Digital ground; must be connected to analog ground at the BUF22821.
23
OUT10
DAC output 10
24
OUT11
DAC output 11
25
OUT12
DAC output 12
26
OUT13
DAC output 13
29
OUT14
DAC output 14
30
OUT15
DAC output 15
31
OUT16
DAC output 16
32
OUT17
DAC output 17
33
OUT18
DAC output 18
34
STATOUTL
Static gamma output low; connect to gamma input on source driver that is closest to GND
35
OUT19
DAC output 19
36
OUT20
DAC output 20
37
STATINL
Static gamma input low; voltage can be set by external voltage divider
38
VCOM1
VCOM channel 1
Copyright
© 2007–2011, Texas Instruments Incorporated
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com