Electronic Components Datasheet Search
  English  ▼

X  

BUF22821 Datasheet(PDF) 9 Page - Texas Instruments

Part # BUF22821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF22821 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BUF22821 Datasheet HTML 5Page - Texas Instruments BUF22821 Datasheet HTML 6Page - Texas Instruments BUF22821 Datasheet HTML 7Page - Texas Instruments BUF22821 Datasheet HTML 8Page - Texas Instruments BUF22821 Datasheet HTML 9Page - Texas Instruments BUF22821 Datasheet HTML 10Page - Texas Instruments BUF22821 Datasheet HTML 11Page - Texas Instruments BUF22821 Datasheet HTML 12Page - Texas Instruments BUF22821 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
V
COM2
STATINH
(3)
OUT21
OUT22
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
GND
(2)
A
V
S
OUT7
OUT8
OUT9
STATOUTH
V
SD
SCL
SDA
V
COM1
STATINL
(3)
OUT20
OUT19
STATOUTL
OUT18
OUT17
OUT16
OUT15
OUT14
GND
(2)
A
V
S
OUT13
OUT12
OUT11
OUT10
GND
(2)
D
BKSEL
AO
BUF22821
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
V
COM2
V
COM1
V
S
V
S
V
S
(1)
(1)
(1)
(1)
(1)
Timing
Controller
3.3V
100nF
1 F
m
(1)
(1)
(1)
(1)
100nF
10 F
m
Source
Driver
Source
Driver
V
S
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
100nF
10 F
m
Source
Driver
Source
Driver
(1)
(1)
(1)
(1)
(1)RCcombinationoptional.
(2)GND andGND mustbeconnectedtogether.
A
D
(3)Connectingacapacitortothisnodeisnotrecommended.
(1)
(1)
BUF22821
www.ti.com
SBOS399D
– JUNE 2007 – REVISED JULY 2011
Figure 12. Typical Application Configuration
Copyright
© 2007–2011, Texas Instruments Incorporated
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com