| Electronic Components Datasheet Search |
|
LYT2004E/K Datasheet(PDF) 4 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
LYT2004E/K Datasheet(HTML) 4 Page - Power Integrations, Inc. |
|
4 / 18 page ![]() Rev. B 09/15 4 LYT2002-2005 www.power.com Applications Example Circuit Description This circuit shown in Figure 4 is configured as a primary-side regulated flyback power supply utilizing the LYT2004E from the LYTSwitch-2 family of ICs. This type of LED driver design is typical for an external ballast application where safety isolation is required while power factor correction is not. The output can drive an LED load from 48 V to 22 V with a constant output current of 180 mA ±5% across input range of 90 VAC to 265 VAC and ambient temperature range of 0 ºC to 60 ºC. It has an average efficiency of >86% and <30 mW no-load input power measured at nominal input voltages (i.e. 115 VAC and 230 VAC). This design easily meets the most stringent current energy efficiency requirements. Input Filter AC input power is rectified by bridge diode BR1. The rectified DC is filtered by the bulk storage capacitors C1 and C2. Inductor L1, L2, C1 and C2 form a pi (π) filter, which attenuates conducted differen- tial-mode EMI. Resistors R1 and R2 placed across the inductors damp the Q to improve frequency noise filtering without reducing low frequency noise attenuation. A small value Y capacitor (C7) across the transformer was used to reducer common-mode noise currents. The fuse F1 provides protection against catastrophic failure. This can be replaced by a fusible resistor for cost reduction but should be suitably rated (and typically a wire wound type) to withstand the instantaneous dissipation experienced during input capacitor charging when first connected to the AC line. LYT2004 Primary The LYTSwitch-2 family (U1) incorporates the power switching device, oscillator, CC/CV control engine, start-up, and protection functions. The integrated 725 V power MOSFET provides a large drain voltage margin in universal input AC applications, increasing reliability and also reducing the output diode voltage stress by permitting the use of higher transformer turns ratios. The device is completely self- powered from the BYPASS pin and decoupling capacitor C4. The optional bias supply formed by D2 and C5 and R6 provides operating current to U1 via resistor R9. This reduces the no-load consumption from 200 mW to less than 30 mW. The bias supply also increases light load efficiency. The rectified and filtered input voltage is applied to one side of the primary winding of T1. The other side of the transformer’s primary winding is driven by the integrated power MOSFET in U1. The leakage inductance drain voltage spike is limited by an RCD-R clamp consisting of D1, R3, R4, R5, and C3. Output Rectification The output from the transformer is rectified by D3, a 1 A, 400 V ultrafast recovery type diode (for higher efficiency), and filtered by C6. In this application C6 was sized to meet a (typical) ripple requirement of less than 10% without the need for an additional LC post filter. PI-7280-051414 D S FB BP L1 3.9 mH C1 12 µF 400 V C4 1 µF 50 V C5 1 µF 50 V C2 12 µF 400 V C6 100 µF 63 V C7 1 nF 500 V U1 LYT2004E LYTSwitch-2 C3 470 pF 1 kV R2 3.9 k Ω 1/8 W R5 560 Ω R4 560 Ω R8 6.98 k Ω 1% 1/8 W R9 12 k Ω 1/8 W R7 60.4 k Ω 1% 1/8 W R6 2 Ω 1/8 W T1 EE19 9 5 10 1 2 R10 1.2 M Ω D1 S1ML D2 BAV21W-7-F 4 D3 US1G R3 220 k Ω L2 3.9 mH 22 V - 48 V, 180 mA TP3 RTN TP4 R1 3.9 k Ω 1/8 W F1 2 A 90 - 265 VAC L TP1 N TP2 BR1 B10S-G 1000 V Figure 4. Energy Efficient 8.6 W LED Power Supply (>86 % Average Efficiency, <30 mW No-load Input Power). |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |