Electronic Components Datasheet Search
  English  ▼

X  

LYT2004E/K Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # LYT2004E/K
Description  Energy-Efficient, Accurate Primary-Side Regulation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT2004E/K Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button LYT2004E/K Datasheet HTML 5Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 6Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 7Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 8Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 9Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 10Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 11Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 12Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Rev. B 09/15
9
LYT2002-2005
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = 0 to 100 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions (cont.)
Maximum Duty Cycle
DC
MAX
See Notes D, E
55
%
FEEDBACK Pin Voltage
V
FB(TH)
C
BP = 1 mF
T
J = 25 °C
1.915
1.940
1.965
V
T
J = 100 °C
See Note E
1.90
1.94
1.98
FEEDBACK Pin Voltage at
Turn-Off Threshold
V
FB(AR)
0.69
0.75
0.81
V
Minimum Switch
ON-Time
t
ON(MIN)
See Note E
700
ns
FEEDBACK Pin
Sampling Delay
t
FB
T
J = 25 °C
2.35
2.55
2.75
ms
DRAIN Pin
Supply Current
I
S1
FB Voltage > V
FBth
(MOSFET Not Switching)
320
370
mA
I
S2
FB Voltage = V
FBth
-0.1 V,
Switch ON-Time =
t
ON (MOSFET
Switching at f
OSC)
LYT2002
500
560
mA
LYT2003
550
600
LYT2004
600
680
LYT2005
700
800
BYPASS Pin
Charge Current
I
CH1
V
BP = 0 V
LYT2002
-7.0
-4.8
-2.5
mA
LYT2003
-7.2
-5.8
-3.2
LYT2004
-8.5
-6.3
-3.2
LYT2005
-8.5
-6.3
-3.2
I
CH2
V
BP = 4 V
LYT2002
-5.6
-3.2
-1.4
LYT2003
-5.6
-4.0
-2.0
LYT2004
-6.0
-4.4
-2.0
LYT2005
-6.0
-4.4
-2.0
BYPASS Pin
Voltage
V
BP
5.65
5.9
6.25
V
BYPASS Pin
Voltage Hysteresis
V
BPH
0.70
0.95
1.20
V
BYPASS Pin
Shunt Voltage
V
SHUNT
6.2
6.4
6.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com