Electronic Components Datasheet Search
  English  ▼

X  

LYT2004E/K Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # LYT2004E/K
Description  Energy-Efficient, Accurate Primary-Side Regulation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT2004E/K Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button LYT2004E/K Datasheet HTML 3Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 4Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 5Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 6Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 7Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 8Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 9Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 10Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Rev. B 09/15
7
LYT2002-2005
www.power.com
Figure 9.
Example Schematic of LYTSwitch-2 Flyback Power Supply without Bias Supply.
Figure 7.
Desired Drain Voltage Waveform with Minimal Leakage Ringing
Undershoot.
Figure 8. Undesirable Drain Voltage Waveform with Large Leakage Ring
Undershoot.
PI-7284-043014
D
S
FB
BP
L1
470
µH
C1
4.7
µF
400 V
C4
1
µF
50 V
C2
33
µF
400 V
C6
100
µF
100 V
C7
1 nF
500 VAC
U1
LYT2005E
LYTSwitch-2
C3
1000 pF
630 V
R4
100
Ω
R8
8.06 k
Ω
1%
1/8 W
R7
140 k
Ω
1%
1/8 W
T1
EE19
9
5
10
NC
1
2
R10
130 k
Ω
D1
S1ML
4
D3
UF5404
R2
220 k
Ω
48 V
J5
RTN
J6
R1
10 k
Ω
1/8 W
F1
2 A
90 - 265
VAC
L
J2
N
J1
BR1
B10S-G
1000 V
Negative ring may increase
output ripple and/or degrade
output regulation
An overshoot is acceptable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com