Electronic Components Datasheet Search
  English  ▼

X  

LYT2004E/K Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # LYT2004E/K
Description  Energy-Efficient, Accurate Primary-Side Regulation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT2004E/K Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button LYT2004E/K Datasheet HTML 6Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 7Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 8Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 9Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 10Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 11Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 12Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 13Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Rev. B 09/15
10
LYT2002-2005
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = 0 to 100 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Circuit Protection
Current Limit
I
LIMIT
V
BP = 5.9 V
T
J = 25 °C
LYT2002D
di/dt = 80 mA/ms
293
315
337
mA
LYT2003D
di/dt = 100 mA/ms
363
390
417
LYT2004D
di/dt = 105 mA/ms
390
420
450
LYT2004E/K
di/dt = 125 mA/ms
460
495
530
LYT2005E/K
di/dt = 135 mA/ms
511
550
589
Minimum Current Limit
Scale Factor
I
LIMIT(MIN)
T
J = 25 °C
0.28
0.32
0.39
Normalized Output
Current
I
O
T
J = 25 °C
0.975
1.000
1.025
Leading Edge
Blanking Time
t
LED
T
J = 25 °C
See Note E
170
215
ns
Thermal Shutdown
Temperature
T
SD
See Note E
135
142
150
°C
Thermal Shutdown
Hysteresis
T
SDH
See Note E
60
°C
Output
ON-State
Resistance
R
DS(ON)
LYT2002D
I
D = 63 mA
T
J = 25 °C
13
15.5
W
T
J = 100 °C
20
23.5
LYT2003D
I
D = 78 mA
T
J = 25 °C
8
9.2
T
J = 100 °C
12
14
LYT2004D
I
D = 84 mA
T
J = 25 °C
5
5.9
T
J = 100 °C
7.5
8.60
LYT2004E/K
I
D = 99 mA
T
J = 25 °C
5
5.9
T
J = 100 °C
7.5
8.60
LYT2005E/K
I
D = 110 mA
T
J = 25 °C
3.2
3.8
T
J = 100 °C
4.6
5.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com