Electronic Components Datasheet Search
  English  ▼

X  

LYT2004E/K Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # LYT2004E/K
Description  Energy-Efficient, Accurate Primary-Side Regulation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT2004E/K Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button LYT2004E/K Datasheet HTML 7Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 8Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 9Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 10Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 11Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 12Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 13Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 14Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Rev. B 09/15
11
LYT2002-2005
www.power.com
NOTES:
A. Auto-restart on-time is a function of switching frequency programmed by t
onx IFB and minimum frequency in CC mode.
B. The current limit threshold is compensated to cancel the effect of current limit delay. As a result the output current stays constant across
the input line range.
C. I
DSS1 is the worst-case off-state leakage specification at 80% of BVDSS and maximum operating junction temperature. IDSS2 is a typical
specification under worst-case application conditions (rectified 265 VAC) for no-load consumption calculations.
D. When the duty cycle exceeds DC
MAX the LYTSwitch-2 operates in on-time extension mode.
E. This parameter is derived from characterization.
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = 0 to 100 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Output (cont.)
OFF-State
Leakage
I
DSS1
V
DS = 560 V
T
J = 125 °C, See Note C
50
mA
I
DSS2
V
DS = 375 V
T
J = 50 °C
15
Breakdown
Voltage
BV
DSS
T
J = 25 °C
725
V
DRAIN Pin
Supply Voltage
50
V
Auto-Restart
ON-Time
t
AR-ON
t
ON × IFB = 1.4 mAms
f
OSC = 12 kHz
V
FB = 0
See Notes A, E
100
ms
Auto-Restart
OFF-Time
t
AR-OFF
See Note E
0.32
s
Open-Loop
FEEDBACK Pin
Current Threshold
I
OL
See Note E
-45
mA
Open-Loop
ON-Time
See Note E
1.4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com