Electronic Components Datasheet Search
  English  ▼

X  

LYT2004E/K Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # LYT2004E/K
Description  Energy-Efficient, Accurate Primary-Side Regulation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT2004E/K Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button LYT2004E/K Datasheet HTML 9Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 10Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 11Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 12Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 13Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 14Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 15Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 16Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Rev. B 09/15
13
LYT2002-2005
www.power.com
Figure 16. Breakdown vs. Temperature.
Typical Performance Characteristics
1.1
1.0
0.9
-50 -25
0255075 100 125 150
Junction Temperature (
°C)
Figure 17. Output Characteristic.
Figure 18. C
OSS vs. Drain Voltage.
Figure 19. Drain Capacitance Power.
DRAIN Voltage (V)
300
250
200
100
50
150
0
0
2
4
6
8
10
TCASE=25 °C
TCASE=100 °C
LYT2002
1.5
LYT2003
2.6
LYT2004
4.1
LYT2005
6.7
Scaling Factors:
30
15
20
25
5
10
0
0
200
300
100
400
500
600
DRAIN Voltage (V)
LYT2002
1.5
LYT2003
2.6
LYT2004
4.1
LYT2005
6.7
Scaling Factors:
Drain Voltage (V)
0
100
200
300
400
500
600
1
10
100
1000
LYT2002
1.5
LYT2003
2.6
LYT2004
4.1
LYT2005
6.7
Scaling Factors:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com