Electronic Components Datasheet Search
  English  ▼

X  

LYT2004E/K Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # LYT2004E/K
Description  Energy-Efficient, Accurate Primary-Side Regulation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT2004E/K Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button LYT2004E/K Datasheet HTML 4Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 5Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 6Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 7Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 8Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 9Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 10Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 11Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Rev. B 09/15
8
LYT2002-2005
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = 0 to 100 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions
Programmable
Maximum Frequency
f
OSC
T
J = 25 °C
t
ON × IFB = 1.4 mA-ms
See Note A
V
FB = VFBth
85
kHz
Minimum Operation
Frequency
f
OSC(MIN)
T
J = 25 °C
V
FB = VFBth
LYT2002-2003
300
330
365
Hz
LYT2004
775
850
930
LYT2005
510
580
645
Frequency Ratio
(Constant Current)
f
RATIO(CC)
T
J = 25 °C
Between V
FB = 1.0 V and VFB = 1.6 V
1.550
1.593
1.635
Frequency Ratio
(Inductance
Correction)
f
RATIO(IC)
Between t
ON × IFB = 1.4 mA and
t
ON × IFB = 2 mA-ms
1.160
1.210
1.260
Frequency Jitter
Peak-to-Peak Jitter Compared to Average
Frequency, T
J = 25 °C
±7
%
Absolute Maximum Ratings(1,6)
DRAIN Voltage .........................................................-0.3 V to 725 V
DRAIN Pin Peak Current(5): LYT2002 ......................... 504 (750) mA(2)
LYT2003 ......................... 654 (980) mA(2)
LYT2004........................686 (1029) mA(2)
LYT2005........................ 784 (1176) mA(2)
Peak Negative Pulsed Drain Current.................................. -100 mA(3)
FEEDBACK Pin Voltage ................................................... -0.3 to 9 V
FEEDBACK Pin Current .........................................................100 mA
BYPASS Pin Voltage ........................................................ -0.3 to 9 V
Storage Temperature ................................................. -65 to 150 °C
Operating Junction Temperature(4) ............................... -40 to 150 °C
Lead Temperature(5).............................................................. 260 °C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Higher peak Drain current allowed while Drain to Source
voltage does not exceed 400 V.
3. Duration not to exceed 2 ms.
4. Normally limited by internal circuitry.
5. 1/16 in. from case for 5 seconds.
6. Absolute Maximum Ratings specified may be applied, one
at a time without causing permanent damage to the
product. Exposure to Absolute Maximum Ratings for
extended periods of time may affect product reliability.
Thermal Resistance
Thermal Resistance: D Package:
(q
JA) ...................................... 100 °C/W
(2)
, 80 °C/W(3)
(q
JC)
(1)
.........................................................30 °C/W
E Package
(q
JA) .............................................. 105 °C/W
(4)
(q
JC) ..................................................2 °C/W
(5)
K Package
(q
JA) .............................. 45 °C/W
(6)
, 38 °C/W(7)
(q
JC) ..................................................2 °C/W
(5)
Notes:
1. Measured on pin 8 (SOURCE) close to plastic interface.
2. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610 g/m2) copper clad.
3. Soldered to 1 sq. in. (645 mm2), 2 oz. (610 g/m2) copper clad.
4. Free standing with no heat sink.
5. Measured at the back surface of tab.
6. Soldered (including exposed pad for K package) to typical
application PCB with a heat sinking area of 0.36 sq. in.
(232 mm2), 2 oz. (610 g/m2) copper clad.
7. Soldered (including exposed pad for K package) to typical
application PCB with a heat sinking area of 1 sq. in. (645 mm2),
2 oz. (610 g/m2) copper clad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com