Electronic Components Datasheet Search
  English  ▼

X  

LYT2004E/K Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # LYT2004E/K
Description  Energy-Efficient, Accurate Primary-Side Regulation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT2004E/K Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button LYT2004E/K Datasheet HTML 8Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 9Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 10Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 11Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 12Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 13Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 14Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 15Page - Power Integrations, Inc. LYT2004E/K Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Rev. B 09/15
12
LYT2002-2005
www.power.com
1.200
0.600
0.800
1.000
0.200
0.400
0.000
-40 -15
10
35
60
85 110 135
Temperature (°C)
1.200
0.600
0.800
1.000
0.200
0.400
0.000
-40 -15
10
35
60
85 110135
Temperature (°C)
1.200
0.600
0.800
1.000
0.200
0.400
0.000
-40 -15
10
35
60
85 110 135
Temperature (°C)
Figure 10. Current Limit vs. Temperature.
Figure 11. Output Frequency vs. Temperature.
Figure 12. Frequency Ratio vs. Temperature (Constant Current).
Figure 13. Frequency Ratio vs. Temperature (Inductor Current).
Figure 14. Feedback Voltage vs. Temperature.
Figure 15. Normalized Output Current vs. Temperature.
Typical Performance Characteristics
1.200
0.600
0.800
1.000
0.200
0.400
0.85
-40 -15
10
35
60
85
135
110
Temperature (°C)
1.200
0.600
0.800
1.000
0.200
0.400
0.85
-40 -15
10
35
60
85
135
110
Temperature (°C)
1.200
0.600
0.800
1.000
0.200
0.400
0.000
-40 -15
10
35
60
85 110 135
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com