Electronic Components Datasheet Search
  English  ▼

X  

LM98519 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM98519
Description  LM98519 10-bit 65 MSPS 6 Channel Imaging Signal Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98519 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM98519 Datasheet HTML 17Page - Texas Instruments LM98519 Datasheet HTML 18Page - Texas Instruments LM98519 Datasheet HTML 19Page - Texas Instruments LM98519 Datasheet HTML 20Page - Texas Instruments LM98519 Datasheet HTML 21Page - Texas Instruments LM98519 Datasheet HTML 22Page - Texas Instruments LM98519 Datasheet HTML 23Page - Texas Instruments LM98519 Datasheet HTML 24Page - Texas Instruments LM98519 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
+
VREFTOUT
VREFTIN1
VREFBIN2
VREFBOUT
VREFTIN2
VREFBIN1
0.1 F
0.1 F
1 F
0.1 F
LM98519
www.ti.com
SNAS425C – OCTOBER 2007 – REVISED OCTOBER 2014
Feature Description (continued)
7.3.3 AFE References
A low noise reference structure is incorporated in the LM98519. Outputs (VREFTOUT approx. 2.23 V,
VREFBOUT approx. 0.98V) and inputs (VREFTIN1, VREFTIN2, VREFBIN1, VREFBIN2) are provided to allow
decoupling capacitors to be connected. VREFTOUT should be connected to VREFTIN1 and VREFTIN2.
VREFBOUT should be connected to VREFBIN1 and VREFBIN2. Recommended capacitance is 1.0 µF between
the top and bottom reference source, with 0.1 µF to AGND from both the top and bottom reference source.
Connection and decoupling capacitor traces should all be as short as possible, and digital signals should be kept
away from this area. Internal connections from VREFTOUT to VREFTIN1,2 and VREFBOUT to VREFBIN1,2 are
present to reduce the impedance between outputs and inputs, but external connections should still be used for
the best performance
Figure 15. Reference Decoupling Example
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM98519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com