Electronic Components Datasheet Search
  English  ▼

X  

LM98519 Datasheet(PDF) 39 Page - Texas Instruments

Part # LM98519
Description  LM98519 10-bit 65 MSPS 6 Channel Imaging Signal Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98519 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM98519 Datasheet HTML 35Page - Texas Instruments LM98519 Datasheet HTML 36Page - Texas Instruments LM98519 Datasheet HTML 37Page - Texas Instruments LM98519 Datasheet HTML 38Page - Texas Instruments LM98519 Datasheet HTML 39Page - Texas Instruments LM98519 Datasheet HTML 40Page - Texas Instruments LM98519 Datasheet HTML 41Page - Texas Instruments LM98519 Datasheet HTML 42Page - Texas Instruments LM98519 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
0
X
X
X
X
X
SENB
SCLK
SDI
SDO
t
CP
t
W
t
SENW
t
SENSC
t
W
t
SENSC
t
IH
t
IS
A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2
D0
D1
0
A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
HiZ
LM98519
www.ti.com
SNAS425C – OCTOBER 2007 – REVISED OCTOBER 2014
7.5.9 Serial Interface
The serial control interface is based on the common microwire interface with a few specific timing details, as
shown below. Bits A5, A4, A3, A2, A1, A0 select the configuration register currently being written to or read
within the flat register space.
NOTE
The serial interface is initially configured to work in the absence of MCLK. Once MCLK is
established, the configuration can be changed to work with MCLK. This is done by setting
the Serial Interface Mode bit in Register 0x01, bit 3 = 1. Operation with MCLK will reduce
any timing restrictions required in the non-MCLK mode. In addition, the Auto Clear of AGC
Status will only work in MCLK Present mode.
7.5.10 Serial Write
Figure 33. Serial Write
•
The positive edge of SCLK is used to receive data on SDI.
•
Last 15 bits of data before SEN toggled high will be loaded into AFE.
•
A command whose length is less than 15 bits will be discarded.
•
SDO will be Hi-Z during write operation.
•
At the second cycle shown above, either read or write command is possible.
•
The MODE bit must be “0” when writing to registers.
•
A Write command consists of one MODE bit, 6 address bits and 8 data bits.
•
While SEN is high, the AFE will accept either high or low with respect to SCLK and SDI.
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM98519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com