Electronic Components Datasheet Search
  English  ▼

X  

LM98519 Datasheet(PDF) 34 Page - Texas Instruments

Part # LM98519
Description  LM98519 10-bit 65 MSPS 6 Channel Imaging Signal Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98519 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM98519 Datasheet HTML 30Page - Texas Instruments LM98519 Datasheet HTML 31Page - Texas Instruments LM98519 Datasheet HTML 32Page - Texas Instruments LM98519 Datasheet HTML 33Page - Texas Instruments LM98519 Datasheet HTML 34Page - Texas Instruments LM98519 Datasheet HTML 35Page - Texas Instruments LM98519 Datasheet HTML 36Page - Texas Instruments LM98519 Datasheet HTML 37Page - Texas Instruments LM98519 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
LM98519
SNAS425C – OCTOBER 2007 – REVISED OCTOBER 2014
www.ti.com
Programming (continued)
In addition, the following registers should be initialized before starting the loop:
Table 5. Initialize Registers Before Loop
REGISTER
FUNCTION
PK_DET_ST
Start of the white pixel averaging in pixels from rising edge of CLPIN or BLKCLP
(0x2Ah, 0x2Bh)
PK_DET_WID
Number of pixels in each line over which white pixels are averaged
(0x2Ch, 0x2Dh)
AGCDuration
Duration in number of lines the loop should run. If set to 0, the loop will not run. Valid settings are 1 to 255.
(0x2Eh)
AGCTarget
AGC target, between 512 to 1023
(0x2Fh, 0x30h)
AGCTolerance
Allowed error margin from the target value
(0x31h)
AGC_BLKINT
Black Offset Integration, if used
(0x32h)
AGC_CONFIG
Select reference edge CLPIN or BLKCLP rising edge, Enable/Disable
(0x28h)
AGC_ONB Pin, Incremental Search Enable, Black Offset Enable
After all registers are initialized, the AGC_ON bit (0x28h, b0) can be set, or the AGC_ONB pin can be pulsed to
start the white loop.
7.5.2 Sample Timing Control
Sample timing is controlled through the combination of the selected internal AFEPHASEn signal, and one or
several user inputs.
The input timing control pins can operate in two different modes:
SAMPLE and HOLD (Used with S/H mode sampling only)
In this mode, the rising edge of the SAMPLE signal controls the start of the sampling, while the rising edge of
HOLD stops sampling and holds the signal. This mode cannot be used with CDS operation.
SHP and SHD (Used with CDS and S/H modes of sampling)
In this mode, the SHP pulse is used to sample the reference level of the signal, while the SHD pulse is used to
sample the signal (brightness) information when CDS mode is used. If CDS is turned off, then SHD is used to
control the signal sample timing and SHP is not used.
The different input timing modes are selected by bits in Registers 0x00, 0x02, and 0x04, as shown in Table 6:
Table 6. Input Timing Modes
MODE
REG
REG
REG
REG
REG
DESCRIPTION
0x04[1]
0x02[7]
0x02[3:2]
0x02[1]
0x00[0]
SH3 (Default)
0
1
0
0
Sample and Hold mode, clocked by SAMPLE
and HOLD clocks(2)
SH2
1
1
0
0
Sample and Hold mode, clocked by SAMPLE
and HOLD clocks(3)
SH1a
1
0
1
0
Sample and Hold mode, clocked by
See(1)
AFEPHASE(3)
SH1b
1
1
1
0
Sample and Hold mode, clocked by SHD(3)
CDSa
1
0
1
1
CDS mode, sampled by AFEPHASE(3)
CDSb
1
1
1
1
CDS mode, sampled by SHP and SHD
clocks(3)
(1)
AFEPHASE bits should be set to “11” in SH3 mode (both 3ch and 6ch operation)
(2)
AFEPHASE is automatically set by the HOLD input timing. Only ADC Rate MCLK is allowed.
(3)
AFEPHASE is synchronized by MCLK and CLPIN inputs
34
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: LM98519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com