Electronic Components Datasheet Search
  English  ▼

X  

LM98519 Datasheet(PDF) 46 Page - Texas Instruments

Part # LM98519
Description  LM98519 10-bit 65 MSPS 6 Channel Imaging Signal Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98519 Datasheet(HTML) 46 Page - Texas Instruments

Back Button LM98519 Datasheet HTML 42Page - Texas Instruments LM98519 Datasheet HTML 43Page - Texas Instruments LM98519 Datasheet HTML 44Page - Texas Instruments LM98519 Datasheet HTML 45Page - Texas Instruments LM98519 Datasheet HTML 46Page - Texas Instruments LM98519 Datasheet HTML 47Page - Texas Instruments LM98519 Datasheet HTML 48Page - Texas Instruments LM98519 Datasheet HTML 49Page - Texas Instruments LM98519 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
LM98519
SNAS425C – OCTOBER 2007 – REVISED OCTOBER 2014
www.ti.com
Table 10. Configuration Registers Details (continued)
ADDR
REGISTER
DEFAULT
DESCRIPTION
(HEX)
NAME
(HEX)
0x24
BLKCLP_CTRL1
0x84
Digital Black Level Clamp Control
•
[7:3] = Pixel Averaging o 00000 4 pixels o 00001 8 pixels
–
00010 12 pixels
–
00011 16 pixels
–
00100 20 pixels
–
00101 24 pixels
–
00110 28 pixels
–
10000 32 pixels
–
10001 64 pixels
–
10010 96 pixels
–
10011 128 pixels
–
10100 160 pixels
–
10101 192 pixels
–
10110 224 pixels
–
10111 256 pixels
–
11000 288 pixels
–
11001 320 pixels
–
11010 352 pixels
–
11011 384 pixels
–
11100 416 pixels
–
11101 448 pixels
–
11110 480 pixels
–
11111 512 pixels
–
other combinations are Reserved
•
[2:0] = Offset Integration
–
000:Divide-by-2
–
001:Divide-by-4
–
010:Divide-by-8
–
011:Divide-by-16
–
100:Divide-by-32
–
101:Divide-by-64
–
110:Divide-by-128
–
Reserved
0x25
CDAC_THLD_MSB
0x50
CDAC Threshold for BLK LP MSB Default value is 321d, so loop will change FDAC by 321
to compensate for change of 1 in CDAC.
To optimize even further, this can be changed to 314d.
If FDAC is set to the large range, then this value should be changed to 184d.
•
[7:0] = Threshold[9:2]
0x26
CDAC_THLD_LSB
0x40
CDAC Threshold for BLK LP LSB
•
[7:6] = Threshold[1:0]
•
[5:0] = Reserved. Set to 0.
0x27
High Speed Mode
0x88
•
[7:5] = High Speed Mode Hysteresis
•
[4:0] = High Speed Mode Threshold
46
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: LM98519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com