Electronic Components Datasheet Search
  English  ▼

X  

LM201WE3 Datasheet(PDF) 4 Page - LG Semicon Co.,Ltd.

Part # LM201WE3
Description  LM201WE3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent Lamp(CCFL) backlight system.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM201WE3 Datasheet(HTML) 4 Page - LG Semicon Co.,Ltd.

  LM201WE3 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Product Specification
4 / 29
LM201WE3
Liquid Crystal Display
Ver. 0.1
Nov. 28. 2006
1. General Description
LM201WE3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent
Lamp(CCFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active element.
It is a transmissive type display operating in the normally white mode. It has a 20.1 inch diagonally measured
active displa y area with W SXGA+ resolution (1050 vertical by 1680 horizontal pixel array)
Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes.
Gray scale or the brightness of the sub-pixel color is determined with a 8-bit gray scale signal for each dot,
thus, presenting a palette of more than 16,7M colors with A-FRC(Advanced Frame Rate Control).
It has been designed to apply the 8Bit 2 port LVDS interface.
I t i s i n t e n d e d t o s u p p o r t d i s p l a ys w h e r e h i g h b r i g h t n e s s , s u p e r w i d e v i e w i n g a n g l e ,
high color saturation, and high color are important.
General Features
Viewing Angle Free ( R/L 160(Typ.), U/D 160(Typ) )
Viewing Angle (CR>10)
16,7 M colors
Color Depth
1680 horiz. By 1050 vert. Pixels RGB strip arrangement
Pixel Format
300 cd/m2 (Center 1 point, Typ.)
Luminance, White
Total 25.69 Watt(Typ.) (3.49 Watt@VLCD, 22.2 Watt@300cd/[LAMP=7.5mA])
Power Consumption
2,400 g (Typ.)
Weight
Transmissive mode, Normally White
Display Operating Mode
Hard coating (2H), Glare treatment of the front polarizer
Surface Treatment
0.258mm x 0.258mm
Pixel Pitch
459.4(H) x 296.4 (V) x 16.5(D) mm (Typ.)
Outline Dimension
20.1 inches(511.133mm) diagonal (Aspect ratio 16:10)
Active Screen Size
TFT-LCD Panel
(1680 × 1050 pixels)
Source Driver Circuit
Timing Control
Block
Power Circuit Block
CN1
(30pin)
Backlight Assembly(4 CCFL)
RGB, Dclk, DE
Hsync, Vsync
(LVDS 2 port)
V
LCD(+5V)
G105
0
G1
S1680
S1
CN2(2PIN), 3(2PIN)
CN4(2PIN), 5(2PIN)
V
Lamp
V
Lamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com