Electronic Components Datasheet Search
  English  ▼

X  

LM201WE3 Datasheet(PDF) 22 Page - LG Semicon Co.,Ltd.

Part # LM201WE3
Description  LM201WE3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent Lamp(CCFL) backlight system.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM201WE3 Datasheet(HTML) 22 Page - LG Semicon Co.,Ltd.

Back Button LM201WE3 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 26Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Product Specification
22 / 29
LM201WE3
Liquid Crystal Display
Ver. 0.1
Nov. 28. 2006
5. Mechanical Characteristics
The contents provide general mechanical characteristics. In addition the figures in the next page are detailed
mechanical drawing of the LCD.
270.90mm
Vertical
Hard coating(2H)
Glare treatment of the front polarizer
Surface Treatment
2,400 g (Typ.), 2,520 g (Max.)
Weight
275.9mm
Vertical
296.4mm
Vertical
16.5mm
Depth
433.44mm
Horizontal
Active Display Area
438.4mm
Horizontal
Bezel Area
459.4mm
Horizontal
Outline Dimension
Notes : Please refer to a mechanic drawing in terms of tolerance at the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com