Electronic Components Datasheet Search
  English  ▼

X  

LM201WE3 Datasheet(PDF) 19 Page - LG Semicon Co.,Ltd.

Part # LM201WE3
Description  LM201WE3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent Lamp(CCFL) backlight system.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM201WE3 Datasheet(HTML) 19 Page - LG Semicon Co.,Ltd.

Back Button LM201WE3 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 23Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Product Specification
19 / 29
LM201WE3
Liquid Crystal Display
Ver. 0.1
Nov. 28. 2006
Notes 1. Contrast Ratio(CR) is defined mathematically as :
Surface Luminance with all white pixels
Contrast Ratio =
Surface Luminance with all black pixels
2. Surface luminance is luminance value at No.1 point across the LCD surface 50cm
from the surface with all pixels displaying white. For more information see FIG 2.
3. The variation in surface luminance , δ WHITE is defined as :
Measuring point for surface luminance & measuring point for luminance variation
FIG. 2 Measure Point for Luminance
(%)
100
)
L
....
,
L
,
(L
Maximum
)
L
..
,
L
,
Minimum(L
on9
on2
on1
on9
on2
on1
×
…
=
WHITE
δ
1
H
A
B
V
Active Area
A : H/4 mm
B : V/4 mm
@ H,V : Active Area
H/10
V/10
2
3
4
7
8
9
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com