Electronic Components Datasheet Search
  English  ▼

X  

LM201WE3 Datasheet(PDF) 20 Page - LG Semicon Co.,Ltd.

Part # LM201WE3
Description  LM201WE3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent Lamp(CCFL) backlight system.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM201WE3 Datasheet(HTML) 20 Page - LG Semicon Co.,Ltd.

Back Button LM201WE3 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 24Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Product Specification
20 / 29
LM201WE3
Liquid Crystal Display
Ver. 0.1
Nov. 28. 2006
FIG. 3 Response Time
4. The response time is defined as the following figure and shall be measured by switching
the input signal for “black” and “white”.
Response time is the time required for the display to transition from white to black (Rise Time,
TrR) and from black to white (Decay Time, TrD).
100
90
10
0
%
Optical
response
white
black
white
Tr
R
Tr
D
5. Viewing angle is the angle at which the contrast ratio is greater than 10 or 5. The angles are
determined for the horizontal or x axis and the vertical or y axis with respect to the z axis
which is normal to the LCD surface. For more information see FIG. 10 .
FIG. 10 Viewing angle
<Dimension of viewing angle range>
Normal
Y
E
φ
θ
φ = 0°, Right
φ = 180°, Left
φ = 270°, Down
φ = 90°, Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com