Electronic Components Datasheet Search
  English  ▼

X  

LM201WE3 Datasheet(PDF) 5 Page - LG Semicon Co.,Ltd.

Part # LM201WE3
Description  LM201WE3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent Lamp(CCFL) backlight system.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM201WE3 Datasheet(HTML) 5 Page - LG Semicon Co.,Ltd.

  LM201WE3 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Product Specification
5 / 29
LM201WE3
Liquid Crystal Display
Ver. 0.1
Nov. 28. 2006
2. Absolute Maximum Ratings
The following are maximum values which, if exceeded, may cause faulty operation or damage to the unit.
Table 1. ABSOLUTE MAXIMUM RATINGS
Note : 1. Temperature and relative humidity range are shown in the figure below.
Wet bulb temperature should be 39 °C Max, and no condensation of water.
Units
1
%RH
90
10
HOP
Operating Ambient Humidity
1
%RH
90
10
HST
Storage Humidity
1
°C
60
-20
TST
Storage Temperature
1
°C
50
0
TOP
Operating Temperature
at 25 ± 2 °C
Vdc
+5.5
-0.3
VLCD
Power Input Voltage
Max
Min
Parameter
Notes
Values
Symbol
90%
10
20
30
40
50
60
70
80
0
-20
0
10
20
30
40
50
Dry Bulb Temperature [C]
Wet Bulb
Temperature [C]
Storage
Operation
10%
40%
60%
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com