Electronic Components Datasheet Search
  English  ▼

X  

LM201WE3 Datasheet(PDF) 6 Page - LG Semicon Co.,Ltd.

Part # LM201WE3
Description  LM201WE3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent Lamp(CCFL) backlight system.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM201WE3 Datasheet(HTML) 6 Page - LG Semicon Co.,Ltd.

Back Button LM201WE3 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 10Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Product Specification
6 / 29
LM201WE3
Liquid Crystal Display
Ver. 0.1
Nov. 28. 2006
3. Electrical Specifications
3-1. Electrical Characteristics
It requires two power inputs. One is employed to power the LCD electronics and to drive the TFT array and
liquid crystal. The second input power for the CCFL, is typically generated by an inverter. The inverter is an
external unit to the LCDs.
Table 2_1. ELECTRICAL CHARACTERISTICS
Note :
1. The specified current and power consumption are under the V
LCD=5.0V, 25 ± 2°C,fV=60Hz condition
whereas mosaic pattern(8 x 6) is displayed and f
V is the frame frequency.
2. The current is specified at the maximum current pattern.
3. The duration of rush current is about 2ms and rising time of power Input is 500us ± 20%.(min.).
Mosaic Pattern(8 x 6)
White : 255Gray
Black : 0Gray
Maximum current pattern
Black Pattern
1
mA
802
697
-
1
Watt
4.01
3.49
-
PLCD
Power Consumption
3
A
3
-
-
IRUSH
Rush current
Vdc
5.5
5.0
4.5
VLCD
Power Supply Input Voltage
2
mA
1206
928
-
ILCD
Power Supply Input Current
MODULE :
Parameter
Symbol
Max
Typ
Min
Notes
Unit
Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com