Electronic Components Datasheet Search
  English  ▼

X  

LM201WE3 Datasheet(PDF) 18 Page - LG Semicon Co.,Ltd.

Part # LM201WE3
Description  LM201WE3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent Lamp(CCFL) backlight system.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM201WE3 Datasheet(HTML) 18 Page - LG Semicon Co.,Ltd.

Back Button LM201WE3 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 22Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Product Specification
18 / 29
LM201WE3
Liquid Crystal Display
Ver. 0.1
Nov. 28. 2006
4. Optical Specification
Optical characteristics are determined after the unit has been ‘ON’ and stable for approximately 30 minutes in
a dark environment at 25±2°C. The values specified are at an approximate distance 50cm from the LCD
surface at a viewing angle of Φ and θ equal to 0 °.
FIG. 1 presents additional information concerning the measurement equipment and method.
LCD Module
Optical Stage(x,y)
Pritchard 880 or
equivalent
50cm
FIG. 1 Optical Characteristic Measurement Equipment and Method
Table 9. OPTICAL CHARACTERISTICS
Ta=25 °C, V
LCD=5.0V, fV=60Hz Dclk=119MHz, IBL=7.5mA
y axis, down (φ=270°)
y axis, up (φ=90°)
x axis, left (φ=180°)
x axis, right(φ=0°)
Viewing Angle (CR>10)
5
Degree
80
70
θr
80
70
θl
75
60
θu
85
70
θd
6
-
Gray Scale
9P
WHITE
BLUE
GREEN
RED
0.611
Gy
0.292
Gx
0.070
By
0.147
Bx
0.329
Wy
0.313
Wx
Decay Time
Rise Time
4
ms
7.4
3.9
-
Tr
D
0.342
Ry
Typ
+0.03
0.635
Typ
-0.03
Rx
Color Coordinates
[CIE1931]
4
ms
2.6
1.1
-
Tr
R
Response Time
3
%
75
δ WHITE
Luminance Variation
2
cd/m2
-
300
250
L
WH
Surface Luminance, white
1
Notes
Units
-
1000
600
CR
Contrast Ratio
Max
Typ
Min
Values
Symbol
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com