Electronic Components Datasheet Search
  English  ▼

X  

LM201WE3 Datasheet(PDF) 25 Page - LG Semicon Co.,Ltd.

Part # LM201WE3
Description  LM201WE3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent Lamp(CCFL) backlight system.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM201WE3 Datasheet(HTML) 25 Page - LG Semicon Co.,Ltd.

Back Button LM201WE3 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 29Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Product Specification
25 / 29
LM201WE3
Liquid Crystal Display
Ver. 0.1
Nov. 28. 2006
6. Reliability
Environment test condition
Wave form : random
Vibration level : 1.0G RMS
Bandwidth : 10-500Hz
Duration : X,Y,Z, 10 min
One time each direction
Vibration test
(non-operating)
5
0 - 10,000 feet(3048m)
0 - 40,000 feet(12,192m)
Altitude
operating
storage / shipment
7
Shock level : 100G
Waveform : half sine wave, 2ms
Direction : ±X, ±Y, ±Z
One time each direction
Shock test
(non-operating)
6
Ta= 0°C
240h
Low temperature operation test
4
Ta= 50°C 50%RH
240h
High temperature operation test
3
Ta= -20°C 240h
Low temperature storage test
2
Ta= 60°C 240h
High temperature storage test
1
No
Test Item
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com