Electronic Components Datasheet Search
  English  ▼

X  

LM201WE3 Datasheet(PDF) 16 Page - LG Semicon Co.,Ltd.

Part # LM201WE3
Description  LM201WE3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent Lamp(CCFL) backlight system.
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM201WE3 Datasheet(HTML) 16 Page - LG Semicon Co.,Ltd.

Back Button LM201WE3 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 20Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Product Specification
16 / 29
LM201WE3
Liquid Crystal Display
Ver. 0.1
Nov. 28. 2006
3-6. Power Sequence
Interface Signal, Vi
(Digital RGB signal,
SCDT ,Vsync, Hsync,
DE, Clock to PanelLink
Transmitter)
Power Supply for
Backlight Inverter
Power Supply, VLCD
10%
90%
90%
10%
T1
T2
T5
T6
T7
T3
T4
Valid data
LAMP ON
0V
LAMP OFF
LAMP OFF
10%
10%
0V
VLCD
Notes : 1. Please avoid floating state of interface signal at invalid period.
2. When the interface signal is invalid, be sure to pull down the power supply for LCD V
LCD to 0V.
3. Lamp power must be turn on after power supply for LCD an interface signal are valid.
s
-
-
1
T7
ms
100
-
0.01
T6
ms
50
-
0.01
T2
ms
ms
-
-
200
T3
-
-
200
T4
ms
50
-
0.01
T5
ms
10
-
0.5
T1
Max
Typ
Min
Units
Values
Parameter
Table 8. POWER SEQUENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com