Electronic Components Datasheet Search
  English  ▼

X  

P4022 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # P4022
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

P4022 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  P4022 Datasheet HTML 1Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 2Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 3Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 4Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 5Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 6Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 7Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 8Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PRELIMINARY
EMMICROELECTRONIC-MARINSA
P4022
4
Current Consumption
The total typical current consumption from the
storage capacitor CP in various modes is shown in
Table 4 below.
The total current consumption in conjunction with
the size of the power storage capacitance
determines the maximum time that transistor Q2
can be turned on and Q1 turned off, before the
supply voltage drops below 1 V, thereby resulting
in the power-on reset block resetting the chip.
This in turn determines the minimum data bit rate
and maximum range. Similarly the total storage
capacitance and total current determine the
maximum unpowered SWITCHED-OFF state time.
The second column shows the current drawn in
FREE-RUNNING mode. The third column shows
the current drawn for the bi-directional protocols,
which includes the current drawn by the GAP
input pull-up. The fourth column shows the total
current drawn in SWITCHED-OFF state.
In this
mode both the GAP input and the shunt regulator
draws current from the storage capacitor.
Supply
(V)
Current
(Free)
(
µA)
Current
(Bi-directional)
(
µA)
Current
(SWTICHED-
OFF state)
(
µA)
1.0
1.8
2.2
2.8
1.2
2.6
3.6
4.6
1.5
3.8
6.3
8.3
2.0
6
13
16
3.0
11
31
51
Table 4
Table 5 below shows the theoretical storage
capacitance required for various applications.
For free-running applications, the capacitance
required is determined by the data bit rate and
encoding method.
Only the Logic, PON and
oscillator
draw
current
in
Free-running
applications. For the bi-directional protocols, the
GAP input pull-up also draws current during
modulation.
Data bit
rate
(kbit/s)
En-
coding
Free-
running
(pF)
Bi-direc-
tional
(pF)
Counting
(
µF)
4
Man
2700
3600
20
4
Glitch
670
900
20
64
Man
170
240
20
64
Glitch
40
80
20
Table 5
For counting applications (SWITCH-OFF BTG-
Supertag) the required unpowered time in the
SWITCHED-OFF state determines the size of the
capacitor. In applications where the chip can be
guaranteed to stay powered, the capacitor size is
determined by the data bit rate
.
It should be noted that the on-chip capacitance is
sufficient for free-running applications at 64 kbit/s,
while inductive applications at 4 kbit/s require a
few nanofarad externally.
Unpowered counting
applications will require more than 20
µF to
achieve 1 second unpowered time
in
the
SWITCHED-OFF state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com