Electronic Components Datasheet Search
  English  ▼

X  

P4022 Datasheet(PDF) 11 Page - EM Microelectronic - MARIN SA

Part # P4022
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

P4022 Datasheet(HTML) 11 Page - EM Microelectronic - MARIN SA

Back Button P4022 Datasheet HTML 5Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 6Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 7Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 8Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 9Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 10Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 11Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 12Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 13Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PRELIMINARY
EMMICROELECTRONIC-MARINSA
P4022
11
WAKE-UP
An ACK sent after correct receipt of a code is
interpreted by the other transponders in the field
as a WAKE-UP. The ACK arrives synchronously at
the transponder that has just transmitted, but
asynchronously at all the other transponders.
If
necessary, a WAKE-UP can also be sent if the
code is not received correctly, making sure that it
will not be interpreted as an ACK by the
transmitting transponder. This could speed up the
protocol, but runs the risk of turning transponders
off by accident.
To detect a WAKE-UP, the chip checks for two
GAPs, less than 7 bits apart and each less than
seven bits wide.
As with the MUTE allowance
must made for the 30% spread in
clock
frequencies. To be safely interpreted as a WAKE-
UP, the GAPs should be sent less than 5 bits apart,
and each should be less than 5 bits wide. This
has an implication in the case of the high
frequency ACK, which could theoretically consist
of two very narrow GAPs 6 bits apart. In practice
though, the GAPs will be typically at least one bit
wide, making the separation five bits.
Like the MUTE, the low frequency ACK GAPs
should be at least 1.5 bits wide to serve as a
reliable WAKE-UP.
It should be noted that failure to reliably
recognise WAKE-UPs is not critical. The protocol
might be slowed down marginally, but will still
work, as the chips time-out of the sleep mode
automatically after 128 bits.
Data Encoder
The transmitted code always consists of an 11 bit
preamble followed by the 64 code bits.
The
preamble consists of 8 start bits (ZEROES),
followed by a SYNCH. The SYNCH consists of a
LOW for two bit periods followed by a ONE.
The P4022 can be programmed for one of two
data encoding methods. The first method is a
variation on Manchester II, i.e. a ONE is
represented by a HIGH in the first half of a bit
period, and a ZERO is represented by a LOW in
the first half of a bit period.
The second encoding method is called GLITCH
encoding. A ONE is represented by a HIGH in the
first quarter of the bit period, while a ZERO is
represented by a HIGH in the third quarter of the
bit period.
In GLITCH encoding the longest modulation
period is one quarter of a bit period, compared to
the Manchester encoding, where the longest
modulation period is one full bit period. GLITCH
encoding therefore requires a much smaller power
storage capacitor.
Figure 7
: Data encoding methods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com