Electronic Components Datasheet Search
  English  ▼

X  

P4022 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # P4022
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

P4022 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  P4022 Datasheet HTML 1Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 2Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 3Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 4Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 5Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 6Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 7Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 8Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PRELIMINARY
EMMICROELECTRONIC-MARINSA
P4022
2
Typical Operating Configurations
P4022
VDD
COIL1
COIL2
GAP
VSS
CPX
M
L
Figure 1:
Low frequency inductive
transponder implementation.
P4022
VDD
M
GAP
VSS
CPX
C+
D1
D2*
L
Figure 2:
Medium frequency (13.56 MHz)
inductive transponder implementation.
D2 is
optional.
L:
coil antenna (typical value 1.2 µH).
C+:
tuning capacitor (typical value 110 pF)
P4022
VDD
M
COIL1
COIL2
GAP
VSS
CPX
D3
D1
D2*
Figure 3:
High frequency RF transponder
implementation. D2 is optional.
Pin Assignment
6
7
8
2
3
4
5
9
1
P4022
Figure 4: Pin Assignment
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Maximum AC peak current
induced on COIL1 and COIL2
I COIL
± 50 mA
Maximum DC voltage induced
between M and VSS
1)
VM
4.5 V
Maximum DC current
supplied into M 1)
IM
50 mA
Power supply
VDD - VSS -0.3 to 3.5 V
Max. voltage other pads
Vmax
VDD + 0.3 V
Min. voltage other pads
Vmax
VSS - 0.3 V
Storage temperature
TSTORE
-55 to +125 oC
Electrostatic discharge
maximum to MIL-STD-883C
method 3015
VESD
1000 V
1) whatever is reached first
Table 1
Stresses above these listed maximum ratings may
cause
permanent
damage
to
the
device.
Exposure beyond specified operating conditions
may
affect
device
reliability
or
cause
malfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com