Electronic Components Datasheet Search
  English  ▼

X  

P4022 Datasheet(PDF) 12 Page - EM Microelectronic - MARIN SA

Part # P4022
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

P4022 Datasheet(HTML) 12 Page - EM Microelectronic - MARIN SA

Back Button P4022 Datasheet HTML 5Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 6Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 7Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 8Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 9Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 10Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 11Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 12Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 13Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PRELIMINARY
EMMICROELECTRONIC-MARINSA
P4022
12
ROM programming
The P4022 contains three laser fuse ROM blocks
that are pre-programmed by the foundry. Blowing
a laser fuse writes a ZERO into the ROM bit.
CODE ID ROM
This ROM contains the 64 bit ID code. Unless
otherwise specified, the foundry will automatically
program a unique 48 bit ID and 16 bit CRC. In
this case the most significant bit of the ID is
programmed into bit 0 of the ROM, which will be
transmitted first.
SEED ROM
The SEED ROM block contains the 16 bit control
ROM. The 16 bit seed for the on-chip pseudo-
random number generator is pre-programmed by
the foundry into this ROM.
This data is used
internally and not transmitted.
CONTROL ROM
The operational modes of the P4022 are pre-
programmed into the CONTROL ROM. It must be
specified by the client as a 16 bit unsigned
integer or two unsigned chars (bytes), as shown in
Table 11. The programmable options are listed in
Table 10. This data is used internally and not
transmitted.
Control ROM Bit definition
Parameter
Value
Mode
Fast /
Normal Mode
0
1
Normal
Fast
Free-running
0
GAP detection enabled
1
GAP disabled (Free-running)
ACK mode
0
Slow-down
1
Switch-off
Maximum
0
0 (Continuous)
initial random
1
16 bits
delay
2
64 bits
3
256 bits
4
1 kbits
5
4 kbits
6
16 kbits
7
64 kbits
Data rate
0
64 kbit/s
1
32 kbit/s
2
16 kbit/s
3
8 kbit/s
4
4 kbit/s
5
2 kbit/s
6
1 kbit/s
7
0.5 kbit/s
Encoding
0
Glitch encoding
method
1
Manchester encoding
GAP type
0
Low frequency GAP detection
1
High frequency GAP detection
Table 10
Control ROM Map
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Byte[1]
Byte[0]
HF GAP Man-
chester
Data rate
Random delay
Switch-
off
Free-
running
Fast
Table 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com