Electronic Components Datasheet Search
  English  ▼

X  

P4022 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # P4022
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

P4022 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  P4022 Datasheet HTML 1Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 2Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 3Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 4Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 5Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 6Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 7Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 8Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PRELIMINARY
EMMICROELECTRONIC-MARINSA
P4022
1
Multi Frequency Contactless Identification Device
Anti-Collision compatible with BTG's Supertag Category Protocols
Features
n
Implements all BTG anti-collision protocols:
Fast SWITCH-OFF and SLOW-DOWN, and
FREE-RUNNING
n
Can be used to implement low frequency
inductive
coupled
transponders,
high
frequency RF coupled transponders or bi-
frequency transponders
n
Factory programmed 64 bit ID number
n
Eight data rate options: 0.5 kbit/s to 64 kbit/s
n
Eight maximum random delay options
n
Two data encoding options
n
Any field frequency: Typically 100 kHz,
13.5 MHz inductive and 100 MHz to 2.54 GHz
RF
n
Data
transmission
done
by
amplitude
modulation
n
110 pF on-chip resonant capacitor
n
On-chip rectifier and voltage limiter
n
On-chip oscillator
n
Low voltage operation - down to 1 V
n
Low power consumption
n
-40 to +85 OC temperature range
Description
The P4022 chip implements patented anti-
collision protocols for both high frequency and low
frequency applications.
It is even possible to
identify transponders with identical codes, thereby
making it possible to count identical items. The
chip is typically used in “passive” transponder
applications, i.e. it does not require a battery
power source. Instead, it is powered up by an
electromagnetic energy field or beam transmitted
by the reader, which is received and rectified to
generate a supply voltage for the chip.
A pre-
programmed code is transmitted to the reader by
varying the amount of energy that is reflected
back to the reader. This is done by modulating an
antenna or coil, thereby effectively varying the
load seen by the reader.
Low
frequency applications are those applications
that can make use of the on-chip full wave
rectifier bridge to rectify the incident energy.
These
are
typically
applications
that
use
inductive coupling to transmit energy to the chip.
The carrier frequency is typically less than 500
kHz.
The design of the on-chip rectifier and
resonance capacitor is optimized for frequencies
in the order of 125 kHz.
Low frequency
transponders can be implemented using just a
P4022 chip and an external coil that resonates
with the on-chip tuning capacitor at the required
carrier frequency.
An external power storage
capacitor can be added to improve reading
range.
Low
frequency
inductive
coupled
applications
typically
have
lower
reading
distances and lower data rates (4 kbit/s or 8 kbit/s
@ 125 kHz). Reading rates of 30 transponders per
second at 4 kbit/s can be attained.
High
frequency
applications
are
those
applications that cannot make use of the on-chip
rectifier to rectify the incident energy. Instead,
external microwave Schottky diodes are required
to rectify the carrier wave.
These are typically
applications
that
use
electromagnetic
RF
coupling to transmit energy to the chip using
carrier frequencies greater than 100 MHz.
High
frequency transponders can be implemented
using a P4022 chip, one to three microwave
diodes and a printed antenna. An external power
storage capacitor can be added to improve
reading range.
High frequency RF coupled
applications
typically
have
higher
reading
distances (> 4 m) and higher data rates (64 kbit/s).
Reading rates of 480 transponders per second at
64 kbit/s can be attained.
It is also possible to implement transponders that
work in both high and low frequency applications
(bi-frequency transponders).
Applications
n
Access control
n
Asset control
n
Licensing
n
Auto-tolling
n
Animal tagging
n
Sports event timing
n
Electronic keys


Similar Part No. - P4022

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P4022 MPSIND-P4022 Datasheet
363Kb / 1P
VERTICAL PCB MOUNT CURRENT TRANFSORMER
P4022-102 MPSIND-P4022-102 Datasheet
363Kb / 1P
VERTICAL PCB MOUNT CURRENT TRANFSORMER
P4022-202 MPSIND-P4022-202 Datasheet
363Kb / 1P
VERTICAL PCB MOUNT CURRENT TRANFSORMER
More results

Similar Description - P4022

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4022 EMMICRO-EM4022 Datasheet
278Kb / 15P
Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
Read Only Contactless Identification Device with Anticollision
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
Read only Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
1KBIT Read/Write Contactless Identification Device with anticollision
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
V4070 EMMICRO-V4070 Datasheet
170Kb / 9P
Crypto Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
128 bit Read Only Low Frequency Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com