Electronic Components Datasheet Search
  English  ▼

X  

P4022 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # P4022
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

P4022 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button P4022 Datasheet HTML 5Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 6Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 7Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 8Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 9Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 10Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 11Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 12Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 13Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PRELIMINARY
EMMICROELECTRONIC-MARINSA
P4022
10
time between when the last code bit is transmitted
and when the GAPs are expected. One reason for
the drift is that the oscillator is supply voltage
dependent, and the supply voltage will typically
be rising during this time, since the transponder
will not be modulating its coil or antenna.
The slope of the rising and falling edges of the
GAPs can also be adjusted to reduce reader
power bandwidth. In the case of high frequency
GAPs the envelope is used directly.
Low
frequency GAPs have to be pre-processed. They
are detected by checking for high periods lasting
longer than one bit period. For this reason there is
a set-up time of 1 bit. The minimum GAP width is
therefore 1 bit period (T1 in the timing diagram).
MUTE
The MUTE signal is received asynchronously by
the transponder. The controller checks for a HIGH
less than 7 bits wide after pre-processing (T2 in the
timing diagram). As in the case of the ACK, low
frequency MUTE GAPs must be at least one bit
wide, but high frequency GAPs can be arbitrarily
narrow.
When transmitting a MUTE, the reader must take
into account that there could be a spread of 30%
in the clock frequencies of all the receiving
transponders. The reader should therefor limit the
width of a MUTE to be less than 5 bits of the
nominal bit rate (T4 in the timing diagram). A low
frequency MUTE should also be wider than 1.5
bits of the nominal bit rate (T3 in the timing
diagram).
The MUTE should be sent as early as possible
after a code transmission has been detected,
while still making sure that it is a code
transmission and not just noise. The earlier the
MUTE is sent, the more time the reader has to
recover before the SYNCH and code bits arrive,
and the smaller the probability that another
transponder has started a colliding transmission.
Figure 6: MUTE and WAKE-UP timing diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com