Electronic Components Datasheet Search
  English  ▼

X  

P4022 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # P4022
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

P4022 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button P4022 Datasheet HTML 3Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 4Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 5Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 6Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 7Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 8Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 9Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 10Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 11Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PRELIMINARY
EMMICROELECTRONIC-MARINSA
P4022
7
Reading rates
Table 8 below compares reading times at 4 kbit/s
for the six protocols. The optimum repeat delay
setting was chosen in each case. Reading rate is
linear with data bit rate. At a bit rate of 64 kbit/s,
the reading rates are 16 times faster than at 4
kbit/s.
Time (s)
Data rate (kbit/s)
4
64
No of tags
5
30
5
30
Free-running
0.39
10.8
0.022
0.58
Slow-down
0.35
5.8
0.019
0.32
Switch-off
0.29
3.4
0.017
0.19
Fast Free-running
0.18
2.9
0.010
0.15
Fast Slow-down
0.11
1.4
0.007
0.084
Fast Switch-off
0.085
1.0
0.007
0.060
Table 8
Optimum repeat delay settings
Table 9 lists the optimum repeat delay settings for
each of the protocols vs. number of transponders
in a group.
Protocol
Number of tags
3
10
30
100
Free-running
1k
4k
16k
64k
Slow-down
1k
1k
4k
16k
Switch-off
1k
1k
4k
16k
Fast Free-running
256
1k
1k
4k
Fast Slow-down
256
256
1k
1k
Fast Switch-off
256
256
1k
1k
Table 9
Functional description
Block diagram
Shunt
PON
VDD
VSS
GAP
N
P
C
R
TST
VDD
VDD
CG
RG
DG
D1
D3
D2
D4
OSC
CP
Q1
Q2
CR
M
COIL1
GAP
SI
XCLK TMC
VSS
VDD
COIL2
LOGIC
VSS VSS VSS
Figure 4: P4022 Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com